Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC8567ECVTANGGA Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc

Part # PPC8567ECVTANGGA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567ECVTANGGA Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button PPC8567ECVTANGGA Datasheet HTML 50Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 51Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 52Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 53Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 54Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 55Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 56Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 57Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 58Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
54
Freescale Semiconductor
JTAG
10 JTAG
This section describes the DC and AC electrical specifications for the IEEE Std 1149.1™ (JTAG) interface
of the MPC8568E.
10.1
JTAG DC Electrical Characteristics
Table provides the DC electrical specifications for the IEEE 1149.1 (JTAG) interface of the MPC8568E.
10.2
JTAG AC Electrical Characteristics
Table 45 provides the JTAG AC timing specifications as defined in Figure 31 through Figure 33.
Table 44. JTAG DC Electrical Characteristics
Parameter
Symbol
Condition
Min
Max
Unit
Output high voltage
VOH
IOH = -6.0 mA
2.4
—
V
Output low voltage
VOL
IOL = 6.0 mA
—
0.5
V
Output low voltage
VOL
IOL = 3.2 mA
—
0.4
V
Input high voltage
VIH
—2.5
OVDD + 0.3
V
Input low voltage
VIL
—-0.3
0.8
V
Input current
IIN
0 < VIN < OVDD
—
±10
uA
Table 45. JTAG AC Timing Specifications (Independent of SYSCLK) 1
At recommended operating conditions (see Table 3).
Parameter
Symbol 2
Min
Max
Unit
Notes
JTAG external clock frequency of operation
fJTG
033.3
MHz
—
JTAG external clock cycle time
t JTG
30
—
ns
—
JTAG external clock pulse width measured at 1.4 V
tJTKHKL
15
—
ns
—
JTAG external clock rise and fall times
tJTGR & tJTGF
02
ns
6
TRST assert time
tTRST
25
—
ns
3
Input setup times:
Boundary-scan data
TMS, TDI
tJTDVKH
tJTIVKH
4
0
—
—
ns
4
Input hold times:
Boundary-scan data
TMS, TDI
tJTDXKH
tJTIXKH
20
25
—
—
ns
4
Valid times:
Boundary-scan data
TDO
tJTKLDV
tJTKLOV
4
4
20
25
ns
5
Output hold times:
Boundary-scan data
TDO
tJTKLDX
tJTKLOX
30
30
—
—
ns
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com