Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC8567ECVTANGGA Datasheet(PDF) 105 Page - Freescale Semiconductor, Inc

Part # PPC8567ECVTANGGA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567ECVTANGGA Datasheet(HTML) 105 Page - Freescale Semiconductor, Inc

Back Button PPC8567ECVTANGGA Datasheet HTML 101Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 102Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 103Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 104Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 105Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 106Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 107Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 108Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 109Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
105
Package and Pinout
TSEC1_TX_CLK
AJ11
I
LVDD
—
TSEC1_TX_EN
AC13
O
LVDD
30
TSEC1_TX_ER
AL12
O
LVDD
5,9
Three-Speed Ethernet Controller (Gigabit Ethernet 2)
TSEC2_RXD[7:0]
AC14, AD15, AB14, AH15, AD14, AH17, AE15,
AC15
ILVDD
—
TSEC2_TXD[7]
AM16
O
LVDD
5, 9
TSEC2_TXD[6:1]
AJ15, AJ17, AF13, AK17, AH16, AG17
O
LVDD
—
TSEC2_TXD[0]
AL15
O
LVDD
5, 9
TSEC2_COL
AB15
I
LVDD
—
TSEC2_CRS
AB16
I/O
LVDD
20
TSEC2_GTX_CLK
AJ16
O
LVDD
—
TSEC2_RX_CLK
AE16
I
LVDD
—
TSEC2_RX_DV
AG15
I
LVDD
—
TSEC2_RX_ER
AF15
I
LVDD
—
TSEC2_TX_CLK
AH14
I
LVDD
—
TSEC2_TX_EN
AM15
O
LVDD
30
TSEC2_TX_ER
AK15
O
LVDD
—
I2C interface
IIC1_SCL
AE32
I/O
OVDD
4,27
IIC1_SDA
AD32
I/O
OVDD
4,27
SerDes
SD_RX[0:7]
L30, M32, N30, P32, U30, V32, W30, Y32
I
SCOREVDD
43,44
SD_RX[0:7]
L29, M31, N29, P31, U29, V31, W29, Y31
I
SCOREVDD
43,44
SD_TX[0:7]
P26, R24, T26, U24, W24, Y26, AA24, AB26
O
XVDD
44
SD_TX[0:7]
P27, R25, T27, U25, W25, Y27, AA25, AB27
O
XVDD
44
SD_PLL_TPD
R32
O
SCOREVDD
24
SD_RX_CLK
U28
I
XVDD
41,44
SD_RX_FRM_CTL
V28
I
XVDD
41,44
Reserved
V26
—
—
48
Reserved
V27
—
—
48
SD_REF_CLK
T32
I
SCOREVDD
44
SD_REF_CLK
T31
I
SCOREVDD
44
Table 78. MPC8568E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com