Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC8567ECVTANGGA Datasheet(PDF) 135 Page - Freescale Semiconductor, Inc

Part # PPC8567ECVTANGGA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567ECVTANGGA Datasheet(HTML) 135 Page - Freescale Semiconductor, Inc

Back Button PPC8567ECVTANGGA Datasheet HTML 131Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 132Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 133Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 134Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 135Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 136Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 137Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 138Page - Freescale Semiconductor, Inc PPC8567ECVTANGGA Datasheet HTML 139Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 135 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
135
System Design Information
Figure 75. JTAG Interface Connection
25.9
Guidelines for High-Speed Interface Termination
25.9.1
Unused output
Any of the outputs that are unused should be left unconnected. These signals are:
•SD_TX[7:0]
HRESET
HRESET
From Target
Board Sources
HRESET
13
SRESET
SRESET
NC
NC
11
VDD_SENSE
6
5 1
15
10
Ω
10 k
Ω
10 k
Ω
10 k
Ω
OVDD
OVDD
OVDD
OVDD
CHKSTP_IN
CHKSTP_IN
8
TMS
TDO
TDI
TCK
TMS
TDO
TDI
TCK
9
1
3
4
TRST
7
16
2
10
12
(if any)
14 2
Notes:
1. RUN/STOP, normally found on pin 5 of the COP header, is not implemented.
Connect pin 5 of the COP header to OVDD with a 10-kΩ pull-up resistor.
2. Key location; pin 14 is not physically present on the COP header.
OVDD
OVDD
10 k
Ω
OVDD
TRST
10 k
Ω
OVDD
10 k
Ω
10 k
Ω
CHKSTP_OUT
CHKSTP_OUT
3
13
9
5
1
6
10
15
11
7
16
12
8
4
KEY
No pin
COP Connector
Physical Pin Out
1
2
NC
SRESET0
SRESET1
3. Use a NOR gate with sufficient drive strength to drive two inputs.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com