Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXV4006DP Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPXV4006DP
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXV4006DP Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPXV4006DP Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXV4006DP Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXV4006DP Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXV4006DP Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXV4006DP Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXV4006DP Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXV4006DP Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXV4006DP Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXV4006DP Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MPXV4006
Rev 3, 1/2009
Freescale Semiconductor
© Freescale Semiconductor, Inc., 2006-2009. All rights reserved.
Pressure
+
Integrated Silicon Pressure Sensor
On-Chip Signal Conditioned,
Temperature Compensated and
Calibrated
The MPXV4006 series piezoresistive transducers are state-of-the-art
monolithic silicon pressure sensors designed for the appliance, consumer,
health care and industrial market. The analog output can be read directly into
the A/D input of Freescale microcontrollers. This transducer combines
advanced micromachining techniques, thin-film metallization, and bipolar
processing to provide an accurate, high level analog output signal that is
proportional to the applied pressure. The axial port has been modified to
accommodate industrial grade tubing.
Features
•
2.5% Maximum Error over +10
°C to +60°C with Auto Zero
•
5% Maximum Error over +10
°C to +60°C without Auto Zero
•
Durable Thermoplastic (PPS) Package
•
Available in Surface Mount (SMT) or Through-Hole (DIP) Configurations
•
Available with Standard Fluorosilicone Gel or Media Resistant Gel
ORDERING INFORMATION
Device Name
Package
Options
Case
No.
# of Ports
Pressure Type
Option
Device
Marking
None
Single
Dual Gauge Differential Absolute
Surface
Mount
Through-
Hole
Small Outline Package (Media Resistant Gel) (MPVZ4006 Series)
MPVZ4006GW6U
Rail
1735
•
•
•
MZ4006GW
MPVZ4006GW7U
Rail
1560
•
•
•
MZ4006GW
MPVZ4006G6U
Rail
482
•
•
•
MPVZ4006G
MPVZ4006G6T1
Tape and
Reel
482
•
•
•
MPVZ4006G
MPVZ4006G7U
Rail
482B
•
•
•
MPVZ4006G
Small Outline Package (MPXV4006 Series)
MPXV4006GC6U
Rail
482A
•
•
•
MPXV4006G
MPXV4006GC6T1
Tape and
Reel
482A
•
•
•
MPXV4006G
MPXV4006GC7U
Rail
482C
•
•
•
MPXV4006G
MPXV4006GP
Tray
1369
•
•
•
MPXV4006GP
MPXV4006DP
Tray
1351
•
•
•
MPXV4006DP
MPXV4006
0 to 6 kPa (0 to 0.87 psi)
0.2 to 4.8 V Output
Integrated
Pressure Sensor
Series
Application Examples
•
Washing Machine Water Level
Measurement (Reference AN1950)
•
Ideally Suited for Microprocessor or
Microcontroller-Based Systems
•
Appliance Liquid Level and Pressure
Measurement
•
Respiratory Equipment


Similar Part No. - MPXV4006DP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXV4006DP MOTOROLA-MPXV4006DP Datasheet
314Kb / 12P
INTEGRATED PRESSURE SENSOR
MPXV4006DP MOTOROLA-MPXV4006DP Datasheet
6Mb / 670P
Sensor
logo
Freescale Semiconductor...
MPXV4006DP FREESCALE-MPXV4006DP Datasheet
319Kb / 11P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned,Temperature Compensated and Calibrated
More results

Similar Description - MPXV4006DP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX4080D FREESCALE-MPX4080D Datasheet
174Kb / 8P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5050 FREESCALE-MPX5050 Datasheet
255Kb / 14P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPVZ5150 FREESCALE-MPVZ5150 Datasheet
206Kb / 7P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5010 FREESCALE-MPX5010 Datasheet
443Kb / 18P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5050 FREESCALE-MP3V5050 Datasheet
214Kb / 11P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5100 FREESCALE-MP3V5100 Datasheet
111Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV4115V FREESCALE-MPXV4115V_12 Datasheet
94Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated, and Calibrated
logo
NXP Semiconductors
MP3V7007 NXP-MP3V7007 Datasheet
156Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 0, 11/2008
MPX4250 NXP-MPX4250 Datasheet
173Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 7, 1/2009
MPXV7007 NXP-MPXV7007 Datasheet
949Kb / 19P
Integrated silicon pressure sensor, on-chip signal conditioned, temperature compensated and calibrated
Rev. 4-26 January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com