Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC8567EVTAUGJA Datasheet(PDF) 94 Page - Freescale Semiconductor, Inc

Part # PPC8567EVTAUGJA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567EVTAUGJA Datasheet(HTML) 94 Page - Freescale Semiconductor, Inc

Back Button PPC8567EVTAUGJA Datasheet HTML 90Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 91Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 92Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 93Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 94Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 95Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 96Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 97Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 98Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
94
Freescale Semiconductor
UTOPIA/POS
Figure 61 shows the TDM/SI timing with external clock.
Figure 61. TDM/SI AC Timing (External Clock) Diagram
20
UTOPIA/POS
This section describes the DC and AC electrical specifications for the UTOPIA-packet over sonnet of the
MPC8568E.
20.1
UTOPIA/POS DC Electrical Characteristics
Table 73 provides the DC electrical characteristics for the MPC8568E UTOPIA.
20.2
Utopia/POS AC Timing Specifications
Table 74 provides the UTOPIA input and output AC timing specifications.
Table 73. Utopia DC Electrical Characteristics
Characteristic
Symbol
Condition
Min
Max
Unit
Output high voltage
VOH
IOH = –8.0 mA
2.4
—
V
Output low voltage
VOL
IOL = 8.0 mA
—
0.5
V
Input high voltage
VIH
—2.0
OVDD+0.3
V
Input low voltage
VIL
—-0.3
0.8
V
Input current
IIN
0 V
≤ VIN ≤ OVDD
—
± 10
μA
Table 74. Utopia AC Timing Specifications 1
Characteristic
Symbol 2
Min
Max
Unit
Utopia outputs—Internal clock delay
tUIKHOV
08.0
ns
Utopia outputs—External clock delay
tUEKHOV
1
10.0
ns
Utopia outputs—Internal clock High Impedance
tUIKHOX
08.0
ns
Utopia outputs—External clock High Impedance
tUEKHOX
1
10.0
ns
TDM/SICLK (input)
tSEIXKH
tSEIVKH
tSEKHOV
Input Signals:
TDM/SI
(See Note)
Output Signals:
TDM/SI
(See Note)
tSEKHOX
Note: The clock edge is selectable on TDM/SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com