Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC8567EVTAUGJA Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

Part # PPC8567EVTAUGJA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567EVTAUGJA Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button PPC8567EVTAUGJA Datasheet HTML 91Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 92Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 93Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 94Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 95Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 96Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 97Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 98Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
95
UTOPIA/POS
Figure 62 provides the AC test load for the Utopia.
Figure 62. Utopia AC Test Load
Figure 63 through Figure 64 represent the AC timing from Table 74. Note that although the specifications
generally reference the rising edge of the clock, these AC timing diagrams also apply when the falling edge
is the active edge.
Figure 63 shows the Utopia timing with external clock.
Figure 63. Utopia AC Timing (External Clock) Diagram
Utopia inputs—Internal clock input setup time
tUIIVKH
6—
ns
Utopia inputs—External clock input setup time
tUEIVKH
4—
ns
Utopia inputs—Internal clock input Hold time
tUIIXKH
0—
ns
Utopia inputs—External clock input hold time
tUEIXKH
1—
ns
Notes:
1. Output specifications are measured from the 50% level of the rising edge of CLKIN to the 50% level of the signal.
Timings are measured at the pin.
2. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)
(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example,
tUIKHOX symbolizes the Utopia outputs internal timing (UI) for the time tUtopia memory clock reference (K) goes
from the high state (H) until outputs (O) are invalid (X).
Table 74. Utopia AC Timing Specifications 1 (continued)
Characteristic
Symbol 2
Min
Max
Unit
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω
UtopiaCLK (input)
tUEIXKH
tUEIVKH
tUEKHOV
Input Signals:
Utopia
Output Signals:
Utopia
tUEKHOX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com