Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC8567EVTAUGJA Datasheet(PDF) 113 Page - Freescale Semiconductor, Inc

Part # PPC8567EVTAUGJA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567EVTAUGJA Datasheet(HTML) 113 Page - Freescale Semiconductor, Inc

Back Button PPC8567EVTAUGJA Datasheet HTML 109Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 110Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 111Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 112Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 113Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 114Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 115Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 116Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 117Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
113
Package and Pinout
PCI_REQ[4:1]
AG29, AJ27, AH29, AB17
I
OVDD
—
PCI_REQ[0]
AC17
I/O
OVDD
—
PCI_CLK
AM26
I
OVDD
39
PCI_DEVSEL
AK23
I/O
OVDD
2
PCI_FRAME
AE21
I/O
OVDD
2
PCI_IDSEL
AB19
I
OVDD
—
DDR SDRAM Memory Interface
MDQ[0:63]
B22, C22, E20, A19, C23, A22, A20, C20, G22, E22,
E16, F16, E23, F23, F17, H17, A18, A17, B16, C16,
B19, C19, E17, A16, A13, A14, A12, C12, A15, B15,
B13, C13, G12, G11, H8, F8, D13, F12, E9, F9, A7,
B7, C5, E5, C8, E8, D6, A5, E6, G6, E1, F1, G7, E7,
E2, D1, C4, A3, B1, C1, A4, B4, C2, D2
I/O
GVDD
—
MECC[0:7]
C11, E11, D9, A8, D12, A11, A9, C9
I/O
GVDD
—
MDM[0:8]
A21, E21, D18, B14, F11, A6, G5, A2, A10
O
GVDD
—
MDQS[0:8]
D21, G20, C17, D14, E10, C6, F4, C3, C10
I/O
GVDD
—
MDQS[0:8]
C21, G21, C18, D15, F10, C7, F5, D3, B10
I/O
GVDD
—
MA[0:15]
K7, H7, L7, J8, K8, L10, H9, K9, H10, G10, L6, K10,
K11, H3, J11, J12
OGVDD
—
MBA[0:2]
K4, H6, L13
O
GVDD
—
MWE
K3
O
GVDD
—
MCAS
L3
O
GVDD
—
MRAS
K6
O
GVDD
—
MCKE[0:3]
L14, G13, K12, J13
O
GVDD
11
MCS[0:3]
J5, H2, K5, K2,
O
GVDD
—
MCK[0:5]
G15, F20, E4, F14, E19, G3
O
GVDD
—
MCK[0:5]
G14, F19, E3, F13, E18, G2
O
GVDD
—
MODT[0:3]
G4, J1, J4, K1
O
GVDD
—
MDIC[0:1]
G1, H1
I/O
GVDD
36
Local Bus Controller Interface
LAD[0:31]
M26, C30, F31, L24, G26, D30, M25, L26, D29,
G32, G28, K26, B32, M24, G29, L25, E29, J23, B30,
A31, J24, K23, H25, H23, F26, C28, B29, E25, D26,
G24, A29, E27,
I/O
BVDD
—
LDP[0:3]
G30, J26, H28, E26
I/O
BVDD
—
LA[27]
F29
O
BVDD
5,9
LA[28:31]
H24, C32, F30, H26
O
BVDD
5,7,9
Table 79. MPC8567E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com