Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC8567EVTAUGJA Datasheet(PDF) 119 Page - Freescale Semiconductor, Inc

Part # PPC8567EVTAUGJA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567EVTAUGJA Datasheet(HTML) 119 Page - Freescale Semiconductor, Inc

Back Button PPC8567EVTAUGJA Datasheet HTML 115Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 116Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 117Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 118Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 119Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 120Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 121Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 122Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 123Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
119
Package and Pinout
AVDD_CORE
AM24
Power for
e500 PLL
(1.1V)
—26
AVDD_PLAT
AM20
Power for
CCB PLL
(1.1V)
—26
AVDD_SRDS
R29
Power for
SRDSPLL
(1.1V)
—26
AGND_SRDS
R31
Ground for
SRDSPLL
—
SENSEVDD
M17
O
VDD
13
SENSEVSS
M16
—
—
13
Analog Signals
MVREF
A24
I
Reference
voltage
signal for
DDR
MVREF
—
SD_IMP_CAL_RX
K32
I
200
Ω to GND
—
SD_IMP_CAL_TX
AA28
I
100
Ω to GND
—
SD_PLL_TPA
R30
O
—
24
Reserved Pins
Reserved
AE17, AH12, AL13, AL11, AK13, AH13, AG11,
AD13, AM13, AG12, AC13, AL12, AJ16, AM15,
AK15
N/A
N/A
42
Reserved
AF17, AM14, AE14, AM11, AK11, AF11, AJ14,
AJ13, AD12, AE13, AG13, AB13, AE11, AH11,
AM12, AJ11, AB15, AB16, AE16, AG15, AF15,
AH14
N/A
N/A
45
Table 79. MPC8567E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com