Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC8567EVTAUGJA Datasheet(PDF) 124 Page - Freescale Semiconductor, Inc

Part # PPC8567EVTAUGJA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567EVTAUGJA Datasheet(HTML) 124 Page - Freescale Semiconductor, Inc

Back Button PPC8567EVTAUGJA Datasheet HTML 120Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 121Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 122Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 123Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 124Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 125Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 126Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 127Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 128Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
124
Freescale Semiconductor
Clocking
23.5
Frequency Options
23.5.1
SYSCLK to Platform Frequency Options
Table 86 shows the expected frequency values for the platform frequency when using a CCB clock to
SYSCLK ratio in comparison to the memory bus clock speed.
0_1000
8
1_1000
24
0_1001
9
1_1001
25
0_1010
10
1_1010
26
0_1011
11
1_1011
27
0_1100
12
1_1100
28
0_1101
13
1_1101
29
0_1110
14
1_1110
30
0_1111
15
1_1111
31
Table 86. Frequency Options of SYSCLK with Respect to Memory Bus Speeds
CCB clock to
SYSCLK Ratio
SYSCLK (MHz)
16.66
25
33.33
41.66
66.66
83
100
111
133.33
166
Platform /CCB clock Frequency (MHz)
2
333
3
333
400
500
4
333
400
445
533
5
333
415
500
6
400
500
8
333
533
9
375
10
333
417
12
400
500
16
400
533
20
333
500
Table 85. QE Clock Multiplier cfg_ce_pll[0:4] (continued)
Binary Value of
PA[0:4] Signals
cfg_ce_pll[0:4]
Binary Value of
PA[0:4] Signals
cfg_ce_pll[0:4]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com