| Electronic Components Datasheet Search |
|
MSC8102UG Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MSC8102UG Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc |
|
22 / 80 page ![]() MSC8102 Quad Core Digital Signal Processor, Rev. 12 1-12 Freescale Semiconductor Signals/Connections 1.6 GPIO, TDM, UART, and Timer Signals The general-purpose input/output (GPIO), time-division multiplexed (TDM), universal asynchronous receiver/transmitter (UART), and timer signals are grouped together because they use a common set of signal lines. Individual assignment of a signal to a specific signal line is configured through internal registers. Table 1-7 describes the signals in this group. PSDAMUX PGPL5 Output Output System Bus SDRAM Address Multiplexer Controls the system bus SDRAM address multiplexer when the MSC8102 is in external master mode. System Bus UPM General-Purpose Line 5 One of six general-purpose output lines from the UPM. The values and timing of this pin are programmed in the UPM. Table 1-7. GPIO, TDM, UART, and Timer Signals Signal Name Type Description GPIO0 CHIP_ID0 Input/Output Input General-Purpose Input Output 0 One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated outputs. Chip ID 0 Determines the chip ID of the MSC8102 DSI. It is sampled on the rising edge of PORESET signal. GPIO1 TIMER0 CHIP_ID1 Input/Output Input/Output Input General-Purpose Input Output 1 One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated outputs. Timer 0 Each signal is configured as either input to or output from the counter. See the MSC8102 Reference for configuration details. Chip ID 1 Determines the chip ID of the MSC8102 DSI. It is sampled on the rising edge of PORESET signal. GPIO2 TIMER1 CHIP_ID2 Input/Output Input/Output Input General-Purpose Input Output 2 One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated outputs. For details, refer to the MSC8102 Reference Manual. Timer 1 Each signal is configured as either input to or output from the counter. For the configuration of the pin direction, refer to the MSC8102 Reference Manual. Chip ID 2 Determines the chip ID of the MSC8102 DSI. It is sampled on the rising edge of PORESET signal. GPIO3 TDM3TSYN IRQ1 Input/Output Input/Output Input General-Purpose Input Output 3 One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated outputs. For details, refer to the MSC8102 Reference Manual GPIO programming model. TDM3 Transmit Frame Sync Transmit frame sync for TDM 3. Interrupt Request 1 One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the SC140 core. Table 1-6. Memory Controller Signals (Continued) Signal Name Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |