Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC8102UG Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MSC8102UG
Description  Quad Core 16-Bit Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8102UG Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MSC8102UG Datasheet HTML 1Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 2Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 3Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 4Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 5Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 6Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 7Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 8Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
MSC8102, Rev. 12
Freescale Semiconductor
v
60x-Compatible
System Bus
• 64/32-bit data and 32-bit address 60x bus.
• Support for multiple-master designs.
• Four-beat burst transfers (eight-beat in 32-bit wide mode).
• Port size of 64, 32, 16, and 8 controlled by the internal memory controller.
• Bus can access external memory expansion or off-device peripherals, or it can enable an external host
device to access internal resources.
• Slave support, direct access by an external host to internal resources including the M1 and M2 memories.
• On-device arbitration between up to four master devices.
Direct Slave
Interface (DSI)
Provides a 32/64-bit wide slave host interface that operates only as a slave device under the control of an
external host processor.
• 21 bit address, 32/64-bit data.
• Direct access by an external host to on-device resources, including the M1 and the M2 memories.
• Synchronous and asynchronous accesses, with burst capability in the synchronous mode.
• Dual or Single strobe modes.
• Write and Read buffers improves host bandwidth.
• Byte enable signals enables 1, 2, 4, and 8 byte write access granularity.
• Sliding window mode enables access with reduced number of address pins.
• Chip ID decoding enables using one
CS signal for multiple DSPs.
• Broadcast
CS signal enables parallel write to multiple DSPs.
• Big-endian, little-endian, and munged little-endian support.
Memory
Controller
Flexible eight-bank memory controller:
• Three user-programmable machines (UPMs), general-purpose chip-select machine (GPCM), and a page-
mode SDRAM machine
• Glueless interface to SRAM, 100 MHz page mode SDRAM, DRAM, EPROM, Flash memory, and other
user-definable peripherals.
• Byte enables for either 64-bit or 32-bit bus width mode.
• Eight external memory banks (banks 0–7). Two additional memory banks (banks 9, 11) control IPBus
peripherals and internal memories. Each bank has the following features:
• 32-bit address decoding with programmable mask.
• Variable block sizes (32 KB to 4 GB).
• Selectable memory controller machine.
• Two types of data errors check/correction: normal odd/even parity and read-modify-write
(RMW) odd/even parity for single accesses.
• Write-protection capability.
• Control signal generation machine selection on a per-bank basis.
• Support for internal or external masters on the 60x-compatible system bus.
• Data buffer controls activated on a per-bank basis.
• Atomic operation.
• RMW data parity check (on 60x-compatible system bus only).
• Extensive external memory-controller/bus-slave support.
• Parity byte select pin, which enables a fast, glue less connection to RMW-parity devices (on
60x-compatible system bus only).
• Data pipeline to reduce data set-up time for synchronous devices.
Table 3. Buses and Memory Controller (Continued)
Feature
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com