Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MNSC140CORE Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MNSC140CORE
Description  Quad Core 16-Bit Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MNSC140CORE Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MNSC140CORE Datasheet HTML 33Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 34Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 35Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 36Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 37Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 38Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 39Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 40Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 80 page
background image
AC Timings
MSC8102 Quad Core Digital Signal Processor, Rev. 12
Freescale Semiconductor
2-7
2.5.4
Reset Timing
The MSC8102 has several inputs to the reset logic:
• Power-on reset (PORESET)
• External hard reset (HRESET)
• External soft reset (SRESET)
• Software watchdog reset
• Bus monitor reset
• Host reset command through JTAG
All MSC8102 reset sources are fed into the reset controller, which takes different actions depending on the source
of the reset. The reset status register indicates the most recent sources to cause a reset. Table 2-9 describes the reset
sources.
Table 2-9.
Reset Sources
Name
Direction
Description
Power-on reset
(PORESET)
Input
Initiates the power-on reset flow that resets the MSC8102 and configures various attributes of the MSC8102.
On PORESET, the entire MSC8102 device is reset. SPLL and DLL states are reset, HRESET and SRESET
are driven, the SC140 extended cores are reset, and system configuration is sampled. The clock mode
(MODCK bits), reset configuration mode, boot mode, Chip ID, and use of either a DSI 64 bits port or a System
Bus 64 bits port are configured only when PORESET is asserted.
External Hard
reset
(HRESET)
Input/
Output
Initiates the hard reset flow that configures various attributes of the MSC8102. While HRESET is asserted,
SRESET is also asserted. HRESET is an open-drain pin. Upon hard reset, HRESET and SRESET are driven,
the SC140 extended cores are reset, and system configuration is sampled. The most configurable features are
reconfigure. These features are defined in the 32-bit hard reset configuration word described in
Hard Reset
Configuration Word section of the Reset chapter in the MSC8102 Reference Manual.
External Soft
reset
(SRESET)
Input/
Output
Initiates the soft reset flow. The MSC8102 detects an external assertion of SRESET only if it occurs while the
MSC8102 is not asserting reset. SRESET is an open-drain pin. Upon soft reset, SRESET is driven, the SC140
extended cores are reset, and system configuration is maintained.
Software
watchdog reset
Internal
When the MSC8102 watchdog count reaches zero, a software watchdog reset is signalled. The enabled
software watchdog event then generates an internal hard reset sequence.
Bus monitor
reset
Internal
When the MSC8102 bus monitor count reaches zero, a bus monitor hard reset is asserted. The enabled bus
monitor event then generates an internal hard reset sequence.
Host reset
command
through the
TAP
Internal
When a host reset command is written through the Test Access Port (TAP), the TAP logic asserts the soft reset
signal and an internal soft reset sequence is generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com