| Electronic Components Datasheet Search |
|
MNSC140CORE Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MNSC140CORE Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc |
|
18 / 80 page ![]() MSC8102 Quad Core Digital Signal Processor, Rev. 12 1-8 Freescale Semiconductor Signals/Connections D[0–31] Input/ Output Data Bus Bits 0–31 In write transactions, the bus master drives the valid data on this bus. In read transactions, the slave drives the valid data on this bus. Reserved DP0 DREQ1 EXT_BR2 Input Input/Output Input Input The primary configuration selection (default after reset) is reserved. System Bus Data Parity 0 The agent that drives the data bus also drives the data parity signals. The value driven on the data parity 0 pin should give odd parity (odd number of ones) on the group of signals that includes data parity 0 and D[0–7]. DMA Request 1 Used by an external peripheral to request DMA service. External Bus Request 2 An external master asserts this pin to request bus ownership from the internal arbiter. IRQ1 DP1 DACK1 EXT_BG2 Input Input/Output Output Output Interrupt Request 1 One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the SC140 core. System Bus Data Parity 1 The agent that drives the data bus also drives the data parity signals. The value driven on the data parity 1 pin should give odd parity (odd number of ones) on the group of signals that includes data parity 1 and D[8–15]. DMA Acknowledge 1 The DMA drives this output to acknowledge the DMA transaction on the bus. External Bus Grant 22 The MSC8102 asserts this pin to grant bus ownership to an external bus master. IRQ2 DP2 DACK2 EXT_DBG2 Input Input/Output Output Output Interrupt Request 2 One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the SC140 core. System Bus Data Parity 2 The agent that drives the data bus also drives the data parity signals. The value driven on the data parity 2 pin should give odd parity (odd number of ones) on the group of signals that includes data parity 2 and D[16–23]. DMA Acknowledge 2 The DMA drives this output to acknowledge the DMA transaction on the bus. External Data Bus Grant 22 The MSC8102 asserts this pin to grant data bus ownership to an external bus master. IRQ3 DP3 DREQ2 EXT_BR3 Input Input/Output Input Input Interrupt Request 3 One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the SC140 core. System Bus Data Parity 3 The agent that drives the data bus also drives the data parity signals. The value driven on the data parity 3 pin should give odd parity (odd number of ones) on the group of signals that includes data parity 3 and D[24–31]. DMA Request 2 Used by an external peripheral to request DMA service. External Bus Request 32 An external master should assert this pin to request bus ownership from the internal arbiter. Table 1-5. DSI, System Bus, and Interrupt Signals (Continued) Signal Name Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |