Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF504 Datasheet(PDF) 60 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 60 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 56Page - Analog Devices ADSP-BF504 Datasheet HTML 57Page - Analog Devices ADSP-BF504 Datasheet HTML 58Page - Analog Devices ADSP-BF504 Datasheet HTML 59Page - Analog Devices ADSP-BF504 Datasheet HTML 60Page - Analog Devices ADSP-BF504 Datasheet HTML 61Page - Analog Devices ADSP-BF504 Datasheet HTML 62Page - Analog Devices ADSP-BF504 Datasheet HTML 63Page - Analog Devices ADSP-BF504 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 80 page
background image
Rev. PrC
|
Page 60 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
Preliminary Technical Data
ADC — TERMINOLOGY
Differential Nonlinearity (DNL)
Differential nonlinearity is the difference between the mea-
sured and the ideal 1 LSB change between any two adjacent
codes in the ADC.
Integral Nonlinearity (INL)
Integral nonlinearity is the maximum deviation from a
straight line passing through the endpoints of the ADC trans-
fer function. The endpoints of the transfer function are zero
scale with a single (1) LSB point below the first code transi-
tion, and full scale with a 1 LSB point above the last code
transition.
Offset Error
Offset error applies to straight binary output coding. It is the
deviation of the first code transition (00...000) to
(00 . . . 001) from the ideal (AGND + 1 LSB).
Offset Error Match
Offset error match is the difference in offset error across all 12
channels.
Gain Error
Gain error applies to straight binary output coding. It is the
deviation of the last code transition (111 . . . 110) to
(111 . . . 111) from the ideal (VREF 1 LSB) after the offset error
is adjusted out. Gain error does not include reference error.
Gain Error Match
Gain error match is the difference in gain error across all 12
channels.
Positive Gain Error
This applies when using twos complement output coding
with, for example, the 2 × VREF input range as –VREF to +VREF
biased about the VREF point. It is the deviation of the last code
transition (011…110) to (011…111) from the ideal (+VREF
1 LSB) after the zero code error is adjusted out.
Positive Gain Error Match
This is the difference in positive gain error across all 12
channels.
Zero Code Error
Zero code error applies when using twos complement output
coding with, for example, the 2 × VREF input range as –VREF to
+VREF biased about the VREF point. It is the deviation of the
mid-scale transition (all 0s to all 1s) from the ideal VIN voltage
(VREF).
Zero Code Error Match
Zero code error match refers to the difference in zero code
error across all 12 channels.
Negative Gain Error
This applies when using twos complement output coding
option, in particular the 2 × VREF input range as –VREF to
+VREF biased about the VREF point. It is the deviation of the
first code transition (100…000) to (100…001) from the ideal
(that is, –VREF + 1 LSB) after the zero code error is adjusted
out.
Negative Gain Error Match
This is the difference in negative gain error across all 12
channels.
Track-and-Hold Acquisition Time
The track-and-hold amplifier returns to track mode after the
end of conversion. Track-and-hold acquisition time is the
time required for the output of the track-and-hold amplifier
to reach its final value, within ±1/2 LSB, after the end of
conversion.
Signal-to-(Noise + Distortion) Ratio (SINAD)
This ratio is the measured ratio of signal-to-(noise + distor-
tion) at the output of the ADC. The signal is the rms
amplitude of the fundamental. Noise is the sum of all non-
fundamental signals up to half the sampling frequency (fS/2),
excluding dc. The ratio is dependent on the number of quan-
tization levels in the digitalization process; the more levels,
the smaller the quantization noise. The theoretical signal-to-
(noise + distortion) ratio for an ideal N-bit converter with a
sine wave input is given by
Signal-to-(Noise + Distortion) = (6.02N + 1.76) dB
Therefore, for a 12-bit converter, theoretical SINAD is 74 dB.
Total Harmonic Distortion (THD)
Total harmonic distortion is the ratio of the rms sum of har-
monics to the fundamental. For the ADC, it is defined as
where:
V1 is the rms amplitude of the fundamental.
V2, V3, V4, V5, and V6 are the rms amplitudes of the second
through the sixth harmonics.
Effective Number of Bits (ENOB)
This is a figure of merit which characterizes the dynamic per-
formance of the ADC at a specified input frequency and
sampling rate. ENOB is expressed in bits. For a full scale sinu-
soidal input, ENOB is defined as:
ENOB = (SINAD – 1.76)/6.02.
Peak Harmonic or Spurious Noise (SFDR)
Peak harmonic, or spurious noise, is defined as the ratio of
the rms value of the next largest component in the ADC out-
put spectrum (up to fS/2, excluding dc) to the rms value of the
fundamental. Normally, the value of this specification is
determined by the largest harmonic in the spectrum, but for
ADCs where the harmonics are buried in the noise floor, it is
a noise peak.
Channel-to-Channel Isolation
Channel-to-channel isolation is a measure of the level of
crosstalk between channels. It is measured by applying a full-
scale (2 × VREF when VDD = 5 V, VREF when VDD = 3 V),
10 kHz sine wave signal to all un-selected input channels and
1
2
6
2
5
2
4
2
3
2
2
log
20
)
(
V
V
V
V
V
V
dB
THD
+
+
+
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com