Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA6901K Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MMA6901K
Description  High Accuracy Low g Inertial Sensor MEMS Sensing, State Machine ASIC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6901K Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MMA6901K Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA6901K Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA6901K Datasheet HTML 26Page - Freescale Semiconductor, Inc MMA6901K Datasheet HTML 27Page - Freescale Semiconductor, Inc MMA6901K Datasheet HTML 28Page - Freescale Semiconductor, Inc MMA6901K Datasheet HTML 29Page - Freescale Semiconductor, Inc MMA6901K Datasheet HTML 30Page - Freescale Semiconductor, Inc MMA6901K Datasheet HTML 31Page - Freescale Semiconductor, Inc MMA6901K Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
Sensors
28
Freescale Semiconductor
MMA690xQ
ELECTRICAL CHARACTERISTICS (continued)
VL ≤ (VCC - VSS) ≤ VH, TL ≤ TA ≤ TH, |ΔTA| < 4 K/min unless otherwise specified.
* Indicates a Freescale critical characteristic.
Characteristic
Symbol
Min
Typ
Max
Units
Range of Output
11-bit data, unsigned
Normal
Critical Fault Value
Invalid Axis Selection
Positive Acceleration Overflow Code
Positive Acceleration Overrange Code
Negative Acceleration Underrange Code
Negative Acceleration Underlfow Code
SPI Clock Fault
DIN Parity Fault
Unused Code
RANGE
CFU
IAU
OFU
ORU
URU
UFU
SCFU
PFU
UNUSED
5
—
—
—
—
—
—
—
—
—
—
2047
2046
2045
2044
4
3
2
1
0
2043
—
—
—
—
—
—
—
—
—
digit
digit
digit
digit
digit
digit
digit
digit
digit
digit
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
1.Functionality verified 100% via scan. timing characteristic is directly determined by internal oscillator frequency.
Output value on overrange
11-bit data: 2043
3.5g Range
5.0g Range
11-bit data: 5
3.5g Range
5.0g Range
gOVER
gOVER
gUNDER
gUNDER
+3.22
+4.63
-3.79
-5.38
+3.50
+5.00
-3.50
-5.00
+3.79
+5.38
-3.22
-4.63
g
g
g
g
(2)
(2)
(2)
(2)
2.Verified by characterization, not tested in production.
Maximum acceleration without saturation of internal circuitry
(OVLD = 0)
gSAT
< -12
—
> +12
g
(2)
Self-test Output Change(3)
TA = 25 °C
-40
≤ TA ≤ 105 °C
3.Self-test deflection is trimmed in positive direction. Deflection in negative direction is approximately equal in magnitude.
*
*
ΔST
ΔST
472
437
525
525
578
630
mg
mg
(4)
(4)
4.Parameters tested 100% at final test.
Cross-Axis Sensitivity
VZX
VYX
VZY
VZX
VYX
VZY
-4
-4
-4
—
—
—
+4
+4
+4
%
%
%
(2)
(2)
(2)
Output High Voltage
DOUT (ILoad = -100 μA)
VOH
0.85
—
—
VCC
(5)
5.Parameters tested 100% at unit probe.
Output Low Voltage
DOUT, (ILoad = 100 μA)
VOL
——
0.1
VCC
(5)
Output Loading (DOUT)
Load Resistance
Load Capacitance
ZOUT
COUT
47
—
—
—
—
35
k
Ω
pF
(2)
(2)
Input High Voltage
CS/RESET, SCLK, DIN, CAP/HOLD
VIH
0.65
—
—
VCC
(5)
Input Low Voltage
CS/RESET, SCLK, DIN, CAP/HOLD
VIL
——
0.2
VCC
(5)
Input Current
High (at VIH)
SCLK, DIN, CAP/HOLD
VPP (internal pull-down resistor)
Low (at VIL)
CS/RESET
IIH
RIN
IIL
-30
190
30
-50
270
50
-260
350
260
μA
k
Ω
μA
(5)
(5)
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com