Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA6901K Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MMA6901K
Description  High Accuracy Low g Inertial Sensor MEMS Sensing, State Machine ASIC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6901K Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MMA6901K Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA6901K Datasheet HTML 26Page - Freescale Semiconductor, Inc MMA6901K Datasheet HTML 27Page - Freescale Semiconductor, Inc MMA6901K Datasheet HTML 28Page - Freescale Semiconductor, Inc MMA6901K Datasheet HTML 29Page - Freescale Semiconductor, Inc MMA6901K Datasheet HTML 30Page - Freescale Semiconductor, Inc MMA6901K Datasheet HTML 31Page - Freescale Semiconductor, Inc MMA6901K Datasheet HTML 32Page - Freescale Semiconductor, Inc MMA6901K Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
Sensors
Freescale Semiconductor
29
MMA690xQ
5.4
CONTROL TIMING
VL ≤ (VCC - VSS) ≤ VH, TL ≤ TA ≤ TH, |ΔTA| < 4 K/min unless otherwise specified
Figure 5-1 Power-Up Timing
Figure 5-2 CS Reset Timing
Characteristic
Symbol
Min
Typ
Max
Units
DSP Low-Pass Filter Cut-Off Frequency
Filter Order
fC(LPF)
OLPF
47.5
50.0
2
52.5
Hz
1
(1)
(1)
1.Functionality verified 100% via scan. timing characteristic is directly determined by internal oscillator frequency.
Power-On Recovery Time
POR negated to CS low
Power applied to XOUT, YOUT valid
tOP
tXY
⎯
⎯
⎯
⎯
840
15
μs
ms
(1)
(2)
2.Parameters tested 100% at final test.
Internal Oscillator Frequency
fOSC
3.8
4.0
4.2
MHz
(2)
Clock Monitor Threshold
fMON
3.6
⎯
4.4
MHz
(1)
Chip Select to Internal Reset (See Figure 5-2)
tCSRES
486
512
538
μs
(1)
Serial Interface Timing (See Figure 5-3)
Clock period
CS asserted to SCLK high
Data setup time
Data hold time
SCLK high to data out
SCLK high to CS negated
CS negated to CS asserted
tSCLK
tCSCLK
tDC
tCDIN
tCDOUT
tCHCSH
tCSN
120
60
20
10
—
60
600
⎯
⎯
⎯
⎯
⎯
⎯
⎯
⎯
⎯
⎯
⎯
50
—
—
ns
ns
ns
ns
ns
ns
ns
(3)
(3)
(3)
(3)
(3)
(3)
(3)
3.Verified by characterization, not tested in production.
Sensing Element Natural Frequency
Sense Element Bandwidth (-3.0 dB)
fn
BWGCELL
⎯
⎯
3
1.2
⎯
⎯
kHz
kHz
(3)
(3)
VCC
5.5V
VPOR_N
VPOR_A
POR
INTERNAL RESET
CS
tCSRES
SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com