Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA6901K Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MMA6901K
Description  High Accuracy Low g Inertial Sensor MEMS Sensing, State Machine ASIC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6901K Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MMA6901K Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA6901K Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA6901K Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA6901K Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA6901K Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA6901K Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA6901K Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA6901K Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA6901K Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Sensors
Freescale Semiconductor
3
MMA690xQ
Figure 1-2 DSP Block Diagram
1.4
PIN FUNCTIONS
The pinout is illustrated in Figure 1-3. Pin functions are described in the following paragraphs. When self-test is active, the
output becomes more positive in both axes, if ST1 is cleared or more negative in both axes if ST1 is set, as described in
Section 2.1.3.
Figure 1-3 Pinout for MMA690xQ
OFFSET,
IN 1
LOW-PASS
FILTER
GAIN,
LINEARITY
ADJUST
OUTPUT
SCALING
DSP
CONTROL
DIGITAL
OUT
IN 0
TEMP
CONTROL
IN
STATUS
OUT
CREF
VSS
CAP/HOLD
DIN
VPP
TOP VIEW
16-PIN QFN PACKAGE
CREF
VCC
1
2
3
4
5
6
7
8
12
11
10
9
16 15 14 13
PCM_Y
Response to static orientation within 1 g field.
TO CENTER OF
GRAVITATIONAL FIELD
X: 0 g
X: -1 g
Y: -1 g
Y: 0 g
X: 0 g
X: +1 g
Y: +1 g
Y: 0 g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com