| Electronic Components Datasheet Search |
|
PCF2119RU2DB2 Datasheet(PDF) 44 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2119RU2DB2 Datasheet(HTML) 44 Page - NXP Semiconductors |
|
44 / 83 page ![]() PCF2119X All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 7 — 15 November 2010 44 of 83 NXP Semiconductors PCF2119x LCD controllers/drivers 11.2 I2C-bus interface The I2C-bus is for bidirectional, two-line communication between different ICs or modules. The two lines are the Serial Data line (SDA) and the Serial Clock Line (SCL). Both lines must be connected to a positive supply via pull-up resistors. Data transfer may be initiated only when the bus is not busy. Each byte of eight bits is followed by an acknowledge bit. A slave receiver which is addressed must generate an acknowledge after the reception of each byte. Also a master receiver must generate an acknowledge after the reception of each byte that has been clocked out of the slave transmitter. The device that acknowledges must pull-down the SDA line during the acknowledge clock pulse, so that the SDA line is stable LOW during the HIGH period of the acknowledge related clock pulse (set-up and hold times must be taken into consideration). A master receiver must signal an end of data to the transmitter by not generating an acknowledge bit on the last byte that has been clocked out of the slave. In this event the transmitter must leave the data line HIGH to enable the master to generate a STOP condition. Fig 27. System configuration Fig 28. Bit transfer Fig 29. Definition of START and STOP conditions mga807 SDA SCL MASTER TRANSMITTER/ RECEIVER MASTER TRANSMITTER SLAVE TRANSMITTER/ RECEIVER SLAVE RECEIVER MASTER TRANSMITTER/ RECEIVER mbc621 data line stable; data valid change of data allowed SDA SCL mbc622 SDA SCL P STOP condition SDA SCL S START condition |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |