Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2119RU2DB2 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF2119RU2DB2
Description  LCD controllers/drivers Single-chip LCD controller and driver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119RU2DB2 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF2119RU2DB2 Datasheet HTML 5Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 6Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 7Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 8Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 9Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 10Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 11Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 12Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 83 page
background image
PCF2119X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 7 — 15 November 2010
9 of 83
NXP Semiconductors
PCF2119x
LCD controllers/drivers
[1]
The Busy Flag (BF) indicates the busy state (bit BF = 1) until initialization ends. The busy state lasts 2 ms. The chip may also be
initialized by software (see Table 43 and Table 44).
8.3 Power-down mode
The chip can be put into power-down mode by applying a HIGH-level to pin PD. In
power-down mode all static currents are switched off (no internal oscillator, no bias level
generation and all LCD outputs are internally connected to VSS).
During power-down, information in the RAM and the chip state are preserved. Instruction
execution during power-down is possible when pin OSC is externally clocked.
Table 4.
State after reset
Step Function
Control bit and
register state
Description
Reference
1
Clear_display
Table 16
2
Entry_mode_set
bit I_D = 1
incremental cursor move direction
Table 18
bit S = 0
no display shift
3
Display_ctl
bit D = 0
display off
Table 19
bit C = 0
cursor off
bit B = 0
cursor character blink off
4
Function_set
bit DL = 1
8-bit interface
Table 12
bit M = 0
1-line display
bit SL = 0
1:18 multiplex drive mode
bit H = 0
normal instruction set
5
default address pointer to DDRAM [1]
Table 22
6
Icon_ctl
bit IM = 0
character mode, full display
Table 25
bit IB = 0
icon blink disabled
7
Screen_conf
bit L = 0
default configuration
Table 23
Disp_conf
bit P = 0; bit Q = 0
default configurations
Table 24
8
Temp_ctl
bit TC1 = 0; bit TC2 = 0 default temperature coefficient
Table 28
9
VLCD_set
register VA =0;
register VB =0
VLCD generator off
Table 32
10
I2C-bus interface reset
11
HV_gen
bit S1 = 1; bit S0 = 0
VLCD generator set to 3 internal stages
(4 voltage multipliers)
Table 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com