Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2119RU2DB2 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCF2119RU2DB2
Description  LCD controllers/drivers Single-chip LCD controller and driver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119RU2DB2 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCF2119RU2DB2 Datasheet HTML 8Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 9Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 10Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 11Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 12Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 13Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 14Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 15Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 83 page
background image
PCF2119X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 7 — 15 November 2010
12 of 83
NXP Semiconductors
PCF2119x
LCD controllers/drivers
The RMS on-state voltage (Von(RMS)) for the LCD is calculated with Equation 3 and the
RMS off-state voltage (Voff(RMS)) with Equation 4:
(3)
(4)
where the values of a are
a=2 for 1
⁄
4 bias
a=3 for 1
⁄
5 bias
and the values for n are
n = 2 for 1:2 multiplex rate
n = 9 for 1:9 multiples rate
n = 18 for 1:18 multiplex rate.
Discrimination (D) is the ratio of Von(RMS) to Voff(RMS) and is determined from Equation 5
(5)
8.5.1 Electro-optical performance
Suitable values for Von(RMS) and Voff(RMS) are dependant on the LCD liquid used. The
RMS voltage, at which a pixel will be switched on or off, determine the transmissibility of
the pixel.
For any given liquid, there are two threshold values defined. One point is at 10 % relative
transmission (at Vlow) and the other at 90% relative transmission (at Vhigh), see Figure 3.
For a good contrast performance, the following rules should be followed:
(6)
(7)
Table 6.
Bias levels as a function of multiplex rate
Multiplex
rate
Number of
bias levels
Bias voltages
V1
V2
V3
V4
V5
V6
1:18
5
VLCD
VSS
1:9
5
VLCD
VSS
1:2
4
VLCD
VSS
3
4
--- V
LCD
V
SS
–
()
1
2
--- V
LCD
V
SS
–
()
1
2
--- V
LCD
V
SS
–
()
1
4
--- V
LCD
V
SS
–
()
3
4
--- V
LCD
V
SS
–
()
1
2
--- V
LCD
V
SS
–
()
1
2
--- V
LCD
V
SS
–
()
1
4
--- V
LCD
V
SS
–
()
2
3
--- V
LCD
V
SS
–
()
2
3
--- V
LCD
V
SS
–
()
1
3
--- V
LCD
V
SS
–
()
1
3
--- V
LCD
V
SS
–
()
V
on RMS
()
a2
2a
n
++
n
1a
+
()
2
×
------------------------------
V
LCD
=
V
off RMS
()
a2
2a
–
n
+
n
1a
+
()
2
×
------------------------------
V
LCD
=
D
V
on RMS
()
V
off RMS
()
-----------------------
a1
+
()
2
n
1
–
()
+
a1
–
()
2
n
1
–
()
+
--------------------------------------------
==
V
on RMS
()
V
high
≥
V
off RMS
()
V
low
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com