Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD2985AM18R Datasheet(PDF) 7 Page - STMicroelectronics

Part # LD2985AM18R
Description  Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2985AM18R Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LD2985AM18R Datasheet HTML 3Page - STMicroelectronics LD2985AM18R Datasheet HTML 4Page - STMicroelectronics LD2985AM18R Datasheet HTML 5Page - STMicroelectronics LD2985AM18R Datasheet HTML 6Page - STMicroelectronics LD2985AM18R Datasheet HTML 7Page - STMicroelectronics LD2985AM18R Datasheet HTML 8Page - STMicroelectronics LD2985AM18R Datasheet HTML 9Page - STMicroelectronics LD2985AM18R Datasheet HTML 10Page - STMicroelectronics LD2985AM18R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
LD2985Axx, LD2985Bxx
Electrical characteristics
7/21
VO
Output voltage
VI = 4.8V
3.743
3.8
3.857
V
IO = 1 to 150mA
3.705
3.895
IO = 1 to 150mA, TJ= -40 to 125°C
3.667
3.933
VO
Output voltage
VI = 5.0V
3.94
4
4.06
V
IO = 1 to 150mA
3.9
4.1
IO = 1 to 150mA, TJ= -40 to 125°C
3.86
4.14
VO
Output voltage
VI = 5.7V
4.63
4.7
4.77
V
IO = 1 to 150mA
4.582
4.817
IO = 1 to 150mA, TJ= -40 to 125°C
4.5355
4.8645
VO
Output voltage
VI = 6.0V
4.925
5
5.075
V
IO = 1 to 150mA
4.875
5.125
IO = 1 to 150 mA, TJ= -40 to 125°C
4.825
5.175
ISC
Short circuit current
RL = 0
400
mA
ΔVO/ΔVI Line regulation
VI = VO + 1V to 16V, IO = 1 mA
0.003
0.014
%/VI
VI = VO + 1V to 16V, IO = 1 mA,
TJ= -40 to 125°C
0.032
VDROP
Dropout voltage
IO = 0
1
3
mV
IO = 0, TJ= -40 to 125°C
5
IO = 1mA
7
10
IO = 1mA, TJ= -40 to 125°C
15
IO = 10mA
40
60
IO = 10mA, TJ= -40 to 125°C
90
IO = 50mA
120
150
IO = 50mA, TJ= -40 to 125°C
225
IO = 150mA
280
350
IO = 150mA, TJ= -40 to 125°C
575
IQ
Quiescent current
ON MODE
IO = 0
80
100
µA
IO = 0, TJ= -40 to 125°C
150
IO = 1mA
100
150
IO = 1mA, TJ= -40 to 125°C
200
IO = 10mA
200
300
IO = 10mA, TJ= -40 to 125°C
400
IO = 50mA
600
900
IO = 50mA, TJ= -40 to 125°C
1200
IO = 150mA
2000
3000
IO = 150mA, TJ= -40 to 125°C
4000
OFF MODE
VINH<0.18V
0
VINH<0.18V, TJ= -40 to 125°C
2
SVR
Supply voltage rejection
CBYP = 0.01µF, CO = 10µF, f = 1kHz
45
dB
VIL
Control input logic low
TJ= -40 to 125°C
0.15
V
Table 5.
Electrical characteristics for LD2985A (continued) (TJ = 25 °C, VI = VO + 1 V, IO = 50 mA,
VSHDN = 2 V, CI = CO = 1 µF, unless otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com