Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD2985AM18R Datasheet(PDF) 8 Page - STMicroelectronics

Part # LD2985AM18R
Description  Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2985AM18R Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LD2985AM18R Datasheet HTML 4Page - STMicroelectronics LD2985AM18R Datasheet HTML 5Page - STMicroelectronics LD2985AM18R Datasheet HTML 6Page - STMicroelectronics LD2985AM18R Datasheet HTML 7Page - STMicroelectronics LD2985AM18R Datasheet HTML 8Page - STMicroelectronics LD2985AM18R Datasheet HTML 9Page - STMicroelectronics LD2985AM18R Datasheet HTML 10Page - STMicroelectronics LD2985AM18R Datasheet HTML 11Page - STMicroelectronics LD2985AM18R Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Electrical characteristics
LD2985Axx, LD2985Bxx
8/21
VIH
Control input logic high
TJ= -40 to 125°C
2
V
IINH
Control input current
VINH = 5V, TJ= -40 to 125°C
5
15
µA
VINH = 0V, TJ= -40 to 125°C
0
-1
eN
Output noise voltage
B = 300 Hz to 50 kHz, CBYP = 0.01µF,
CO = 10µF
30
µV
Table 5.
Electrical characteristics for LD2985A (continued) (TJ = 25 °C, VI = VO + 1 V, IO = 50 mA,
VSHDN = 2 V, CI = CO = 1 µF, unless otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Table 6.
Electrical characteristics for LD2985B (TJ = 25 °C, VI = VO + 1 V, IO = 50 mA, VSHDN = 2
V, CI = CO = 1 µF, unless otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VOP
Operating input voltage
2.5
16
V
VO
Output voltage
VI = 2.5V
1.463
1.5
1.537
V
IO = 1 to 150mA
1.455
1.545
IO = 1 to 150mA, TJ= -40 to 125°C
1.440
1.560
VO
Output voltage
VI = 2.8V
1.755
1.8
1.845
V
IO = 1 to 150mA
1.746
1.854
IO = 1 to 150mA, TJ= -40 to 125°C
1.728
1.872
VO
Output voltage
VI = 3.5V
2.437
2.5
2.562
V
IO = 1 to 150mA
2.425
2.575
IO = 1 to 150mA, TJ= -40 to 125°C
2.4
2.6
VO
Output voltage
VI = 3.5V
2.633
2.7
2.767
V
IO = 1 to 150mA
2.619
2.781
IO = 1 to 150mA, TJ= -40 to 125°C
2.592
2.808
VO
Output voltage
VI = 3.8V
2.73
2.8
2.87
V
IO = 1 to 150mA
2.716
2.884
IO = 1 to 150mA, TJ= -40 to 125°C
2.688
2.912
VO
Output voltage
VI = 3.85V
2.779
2.85
2.921
V
IO = 1 to 150mA
2.764
2.935
IO = 1 to 150mA, TJ= -40 to 125°C
2.736
2.964
VO
Output voltage
VI = 4.0V
2.925
3.0
3.075
V
IO = 1 to 150mA
2.91
3.09
IO = 1 to 150mA, TJ= -40 to 125°C
2.88
3.12
VO
Output voltage
VI = 4.1V
3.023
3.1
3.177
V
IO = 1 to 150mA
3.007
3.193
IO = 1 to 150mA, TJ= -40 to 125°C
2.976
3.224
VO
Output voltage
VI = 4.2V
3.120
3.2
3.28
V
IO = 1 to 150mA
3.104
3.296
IO = 1 to 150mA, TJ= -40 to 125°C
3.072
3.328
VO
Output voltage
VI = 4.3V
3.218
3.3
3.382
V
IO = 1 to 150mA
3.201
3.399
IO = 1 to 150mA, TJ= -40 to 125°C
3.168
3.432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com