Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD2985AM18R Datasheet(PDF) 4 Page - STMicroelectronics

Part # LD2985AM18R
Description  Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2985AM18R Datasheet(HTML) 4 Page - STMicroelectronics

  LD2985AM18R Datasheet HTML 1Page - STMicroelectronics LD2985AM18R Datasheet HTML 2Page - STMicroelectronics LD2985AM18R Datasheet HTML 3Page - STMicroelectronics LD2985AM18R Datasheet HTML 4Page - STMicroelectronics LD2985AM18R Datasheet HTML 5Page - STMicroelectronics LD2985AM18R Datasheet HTML 6Page - STMicroelectronics LD2985AM18R Datasheet HTML 7Page - STMicroelectronics LD2985AM18R Datasheet HTML 8Page - STMicroelectronics LD2985AM18R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Pin configuration
LD2985Axx, LD2985Bxx
4/21
2
Pin configuration
Figure 2.
Pin connections (top view)
Table 2.
Pin description
Pin n°
Symbol
Name and function
1
IN
Input port
2
GND
Ground pin
3
INHIBIT
Control switch ON/OFF. Inhibit is not internally pulled-up; it cannot be left floating.
Disable the device when connected to GND or to a positive voltage less than 0.18V
4
Bypass
Bypass pin: capacitor to be connected to GND in order to improve the thermal noise
performances
5
OUT
Output port
Table 3.
Thermal data
Symbol
Parameter
SOT23-5L
Unit
RthJC
Thermal resistance junction-case
81
°C/W
RthJA
Thermal resistance junction-ambient
255
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com