Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOR2805S Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # MOR2805S
Description  Parallel operation with current share, up to 5 units (540 watts)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MOR2805S Datasheet(HTML) 2 Page - Interpoint Corporation Company

  MOR2805S Datasheet HTML 1Page - Interpoint Corporation Company MOR2805S Datasheet HTML 2Page - Interpoint Corporation Company MOR2805S Datasheet HTML 3Page - Interpoint Corporation Company MOR2805S Datasheet HTML 4Page - Interpoint Corporation Company MOR2805S Datasheet HTML 5Page - Interpoint Corporation Company MOR2805S Datasheet HTML 6Page - Interpoint Corporation Company MOR2805S Datasheet HTML 7Page - Interpoint Corporation Company MOR2805S Datasheet HTML 8Page - Interpoint Corporation Company MOR2805S Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
HoW to use tHe Functions
inPut Voltage
Steady state voltage range is 16 to 40 VDC. Transient range
is 40 to 50 V for a maximum of 120 msec. All models include
a soft-start function to prevent large current draw and minimize
overshoot.
emi inPut FilterS
Internal 500 volt capacitors are connected between the case and
input common and between the case and output common.
Use Interpoint’s FMCE-1528 EMI filter to meet the requirements
of MIL-STD-461C CE03 and CS01 and/or MIL-STD-461D, E and
F CE102 and CS101 levels of conducted emissions. When using
an external input filter it is important that the case of the filter
and the case of the converter be connected through as low as
an impedance as possible. Direct connection of the baseplates
to chassis ground is the best connection. If connected by a
single trace, the trace should be as wide as it is long. See Figure
1.
trim
Both single and dual output models include a trim function.
Output voltage can be trimmed from 60% up to 110% of nominal
V out . When trimming up, do not exceed the maximum output
power. When trimming down, do not exceed the maximum
output current. See Figure 2.
On dual models the positive output is regulated and the negative
output is transformer coupled (cross-regulated) to the positive
output. When trimming the duals, both output voltages will be
adjusted equally. See Figure 3.
Positive Input
1
2 Input Common
MOR
Single or Dual
Output
10, 11, 12
7, 8, 9
Case
Chassis Ground
Positive Input
1, 2, 3
4, 5, 6
28V
Input Common
FMCE-1528
EMI Filter
Positive Output
Output Common
Figure 1: external Filter ConneCtion
3 Trim
RT
7
10
9
8
Positive Output
Positive Sense
Sense Return
Output Common
MOR
Single
Output
TRIM UP
TRIM
DOWN
Figure 2: trim – Single
10 Trim
RT
TRIM UP
TRIM DOWN
MOR
Dual
Output
7
8
9
Positive Output
Output Common
Negative Output
Figure 3: trim – dual
Vo
Vo nominal
50 • a – 30
1 – a
Trim Up:
a =
, 1.0 ≤ a ≤ 1.1
RT (kΩ) =
– 50
Example:
Vo nominal = 5.0, Vo = 5.25, a = 1.05, RT = 390 kΩ
Trim Down:
a =
, 0.6 ≤ a ≤ 1.0
RT (kΩ) =
Example: Vo nominal = 5.0,Vo = 4.5, a = 0.9, RT = 150 kΩ
Vo
Vo nominal
( –1)•20
(a -1)
2.5
Vo
trim FormulaS
Crane Aerospace & Electronics Power Solutions
Mor single and dual dc/dc converters
28 Volt input – 120 Watt
www.interpoint.com
Page 2 of 24
MOR Rev K - 20100422



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com