Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOR2805S Datasheet(PDF) 13 Page - Interpoint Corporation Company

Part # MOR2805S
Description  Parallel operation with current share, up to 5 units (540 watts)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MOR2805S Datasheet(HTML) 13 Page - Interpoint Corporation Company

Back Button MOR2805S Datasheet HTML 9Page - Interpoint Corporation Company MOR2805S Datasheet HTML 10Page - Interpoint Corporation Company MOR2805S Datasheet HTML 11Page - Interpoint Corporation Company MOR2805S Datasheet HTML 12Page - Interpoint Corporation Company MOR2805S Datasheet HTML 13Page - Interpoint Corporation Company MOR2805S Datasheet HTML 14Page - Interpoint Corporation Company MOR2805S Datasheet HTML 15Page - Interpoint Corporation Company MOR2805S Datasheet HTML 16Page - Interpoint Corporation Company MOR2805S Datasheet HTML 17Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Typical Performance Curves: 25°C TC, 28 VDC Vin, 100% load, free run, unless otherwise specified.
Figure 17
Figure 19
16V
28V
40V
6.6
66
33
50
60
70
80
90
Output Power (Watts)
MOR283R3S Efficiency
Figure 14
Output Power (Watts)
MOR2805S Efficiency
16V
28V
40V
10
100
50
50
60
70
80
90
Figure 15
Figure 18
Figure 16
16V
28V
40V
10
100
50
50
60
70
80
90
Output Power (Watts)
MOR286R3S Efficiency
Figure 20
Figure 21
Figure 22
16V
28V
40V
10.5
105
52.5
50
60
70
80
90
Output Power (Watts)
MOR289R5S Efficiency
16V
28V
40V
11
110
55
50
60
70
80
90
Output Power (Watts)
MOR2812S Efficiency
16V
28V
40V
12
120
60
50
60
70
80
90
Output Power (Watts)
MOR2815S Efficiency
16V
28V
40V
6.6
66
33
50
60
70
80
90
Output Power (Watts)
MOR283R3D Efficiency
16V
28V
40V
10
100
50
50
60
70
80
90
Output Power (Watts)
MOR2805D Efficiency
16V
28V
40V
10
100
50
50
60
70
80
90
Output Power (Watts)
MOR286R3D Efficiency
Crane Aerospace & Electronics Power Solutions
Page 13 of 24
28 Volt input – 120 Watt
www.interpoint.com
MOR Rev K - 20100422
Mor single and dual dc/dc converters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com