Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOR2805S Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # MOR2805S
Description  Parallel operation with current share, up to 5 units (540 watts)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MOR2805S Datasheet(HTML) 4 Page - Interpoint Corporation Company

  MOR2805S Datasheet HTML 1Page - Interpoint Corporation Company MOR2805S Datasheet HTML 2Page - Interpoint Corporation Company MOR2805S Datasheet HTML 3Page - Interpoint Corporation Company MOR2805S Datasheet HTML 4Page - Interpoint Corporation Company MOR2805S Datasheet HTML 5Page - Interpoint Corporation Company MOR2805S Datasheet HTML 6Page - Interpoint Corporation Company MOR2805S Datasheet HTML 7Page - Interpoint Corporation Company MOR2805S Datasheet HTML 8Page - Interpoint Corporation Company MOR2805S Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Paralleling (Share Pin)
By using the Share pin, up to five single or dual converters
may be paralleled for a total output power of up to 540 watts,
depending on model. To calculate available power, multiply the
number of converters (up to five) by their maximum output power.
Multiply the result by 90% for total available power. See Figure
8 for the internal circuit. The converters will share within 10% of
each other at 25% to 90% rated power. MOR converters feature
true n+1 redundancy for reliability in critical applications. See
Figure 9 for the proper connections.
All Positive Outputs and Positive Senses should be connected to
a common point. All Negative Outputs and Sense Returns should
be connected to a common point. The Share pin is referenced to
Sense Return. Leave the share pin floating (unconnected) if not
used. Also see Figure 9.
PoSitiVe SenSe, SenSe return
A special remote sensing feature maintains the desired output
voltage at the load. See Figure 9. When this feature is not used,
connect the sense lines to their respective output terminals. See
Figure 10. Remote sensing is available on single output models
only. Do not exceed 110% of Vout and do not exceed maximum
output power.
inCreaSe outPut Voltage by StaCking outPutS
Outputs may be stacked to increase the output voltage using a
dual model.
Dual outputs may be stacked to double the output voltage. See
Figure 11.
–
+
Load
Positive Input
1
7
8
9
Input Common
Positive Output
Inhibit 2
Output Common
Negative Output
MOR
Dual Output
2
Figure 11: StaCked outPutS – dual model
–
+
Positive Input
1
6
5
2
7
10
11
9
8
7
10
11
9
8
7
10
11
9
8
Sync In
Sync Out
Input Common
Positive Output
Positive Sense
Share
Sense Return
Output common
Positive Output
Positive Sense
Sense Return
Output common
Positive Output
Positive Sense
Sense Return
Output common
Share
Share
Load
28V
Positive Input
1
6
5
2
Sync In
Sync Out
Input Common
Positive Input
1
6
5
2
Sync In
Sync Out
Input Common
Figure 9: Paralleling
–
+
Load
Positive Input
1
6
4
2
7
10
12
9
8
28V
Sync In
Inhbit 1
Input Common
Positive Output
Positive Sense
Inhibit 2
Sense Return
Output Common
MOR
Single
Output
–
+
Load
Positive Input
1
6
4
2
7
12
8
9
28V
Sync In
Inhbit 1
Input Common
Positive Output
Inhibit 2
Output Common
Negative Output
MOR
Dual
Output
Load
0
Figure 10: tyPiCal ConneCtionS
Share
Sense
Return
260 k
10 k
Figure 8: Share
Crane Aerospace & Electronics Power Solutions
Mor single and dual dc/dc converters
28 Volt input – 120 Watt
www.interpoint.com
Page 4 of 24
MOR Rev K - 20100422



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com