Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS30L45CT Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS30L45CT
Description  Low drop power Schottky rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30L45CT Datasheet(HTML) 3 Page - STMicroelectronics

  STPS30L45CT Datasheet HTML 1Page - STMicroelectronics STPS30L45CT Datasheet HTML 2Page - STMicroelectronics STPS30L45CT Datasheet HTML 3Page - STMicroelectronics STPS30L45CT Datasheet HTML 4Page - STMicroelectronics STPS30L45CT Datasheet HTML 5Page - STMicroelectronics STPS30L45CT Datasheet HTML 6Page - STMicroelectronics STPS30L45CT Datasheet HTML 7Page - STMicroelectronics STPS30L45CT Datasheet HTML 8Page - STMicroelectronics STPS30L45CT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STPS30L45C
Characteristics
Doc ID 8002 Rev 4
3/12
Table 4.
Static electrical characteristics (per diode)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
0.4
mA
Tj = 125 °C
100
200
mA
VF
(1)
Forward voltage drop
Tj = 25 °C
IF = 15 A
0.55
V
Tj = 125 °C
IF = 15 A
0.42
0.50
Tj = 25 °C
IF = 30 A
0.74
Tj = 125 °C
IF = 30 A
0.59
0.67
1.
Pulse test: tp = 380 µs,
δ < 2%
To evaluate the conduction losses use the following equation: P = 0.330 x IF(AV) + 0.011 IF
2
(RMS)
Figure 1.
Average forward power dissipation
versus average forward current
(per diode)
Figure 2.
Average forward current versus
ambient temperature
(
δ = 0.5, per diode)
02468
10
12
14
16
18
20
0
2
4
6
8
10
12
IF(av) (A)
PF(av)(W)
T
δ=tp/T
tp
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
0
25
50
75
100
125
150
0
2
4
6
8
10
12
14
16
18
Tamb(°C)
IF(av)(A)
Rth(j-a)=15°C/W
Rth(j-a)=Rth(j-c)
TO-220FPAB
TO-220AB/TO-247/I²PAK/D²PAK
T
δ=tp/T
tp
Figure 3.
Normalized avalanche power
derating versus pulse duration
Figure 4.
Normalized avalanche power
derating versus junction
temperature
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(tp)
P
(1 µs)
ARM
ARM
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
T (°C)
j
P(Tj)
P
(25 °C)
ARM
ARM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com