Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS30L45CT Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS30L45CT
Description  Low drop power Schottky rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30L45CT Datasheet(HTML) 5 Page - STMicroelectronics

  STPS30L45CT Datasheet HTML 1Page - STMicroelectronics STPS30L45CT Datasheet HTML 2Page - STMicroelectronics STPS30L45CT Datasheet HTML 3Page - STMicroelectronics STPS30L45CT Datasheet HTML 4Page - STMicroelectronics STPS30L45CT Datasheet HTML 5Page - STMicroelectronics STPS30L45CT Datasheet HTML 6Page - STMicroelectronics STPS30L45CT Datasheet HTML 7Page - STMicroelectronics STPS30L45CT Datasheet HTML 8Page - STMicroelectronics STPS30L45CT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
STPS30L45C
Characteristics
Doc ID 8002 Rev 4
5/12
Figure 11.
Forward voltage drop versus
forward current (maximum values,
per diode)
Figure 12.
Thermal resistance junction to
ambient versus copper surface
under tab for D2PAK
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
1
10
100
200
VFM(V)
IFM(A)
Typical values
Tj=150°C
Tj=25°C
Tj=125°C
0
5
10
15
20
25
30
35
40
0
10
20
30
40
50
60
70
80
S(cm²)
Rth(j-a) (°C/W)
Epoxy printed circuit board FP4,
copper thickness = 35 µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com