Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS30L45CT Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS30L45CT
Description  Low drop power Schottky rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30L45CT Datasheet(HTML) 4 Page - STMicroelectronics

  STPS30L45CT Datasheet HTML 1Page - STMicroelectronics STPS30L45CT Datasheet HTML 2Page - STMicroelectronics STPS30L45CT Datasheet HTML 3Page - STMicroelectronics STPS30L45CT Datasheet HTML 4Page - STMicroelectronics STPS30L45CT Datasheet HTML 5Page - STMicroelectronics STPS30L45CT Datasheet HTML 6Page - STMicroelectronics STPS30L45CT Datasheet HTML 7Page - STMicroelectronics STPS30L45CT Datasheet HTML 8Page - STMicroelectronics STPS30L45CT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Characteristics
STPS30L45C
4/12
Doc ID 8002 Rev 4
Figure 5.
Non repetitive surge peak forward
current versus overload duration
Figure 6.
Non repetitive surge peak forward
current versus overload duration
(TO-220FPAB only)
1E-3
1E-2
1E-1
1E+0
0
20
40
60
80
100
120
140
160
180
200
t(s)
IM(A)
Tc=25°C
Tc=125°C
Tc=75°C
IM
t
δ=0.5
maximum values, per diode
1E-3
1E-2
1E-1
1E+0
0
20
40
60
80
100
120
140
t(s)
IM(A)
Tc=25°C
Tc=125°C
Tc=75°C
IM
t
δ=0.5
maximum values, per diode
Figure 7.
Relative variation of thermal
impedance junction to case versus
pulse duration
Figure 8.
Relative variation of thermal
impedance junction to case versus
pulse duration (TO-220FPAB)
1E-4
1E-3
1E-2
1E-1
1E+0
0.0
0.2
0.4
0.6
0.8
1.0
tp(s)
Zth(j-c)/Rth(j-c)
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
T
δ=tp/T
tp
1E-3
1E-2
1E-1
1E+0
1E+1
0.0
0.2
0.4
0.6
0.8
1.0
tp(s)
Zth(j-c)/Rth(j-c)
T
δ=tp/T
tp
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
Figure 9.
Reverse leakage current versus
reverse voltage applied (typical
values, per diode)
Figure 10.
Junction capacitance versus
reverse voltage applied (typical
values, per diode)
0
5
10
15
20
25
30
35
40
45
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
VR(V)
IR(mA)
Tj=100°C
Tj=75°C
Tj=25°C
Tj=150°C
Tj=125°C
12
5
10
20
50
100
200
500
1000
2000
VR(V)
C(pF)
F=1MHz
Tj=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com