Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-OCCHIP Datasheet(PDF) 5 Page - IC-Haus GmbH

Part # IC-OCCHIP
Description  INTEGRATING LIGHT-VOLTAGE CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-OCCHIP Datasheet(HTML) 5 Page - IC-Haus GmbH

  IC-OCCHIP Datasheet HTML 1Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 2Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 3Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 4Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 5Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 6Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 7Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 8Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
iC-OC
INTEGRATING LIGHT-VOLTAGE CONVERTER
Rev D1, Page 5/9
ELECTRICAL CHARACTERISTICS: Diagrams
400
10
20
30
40
50
60
70
80
90
100
600
800
1000 nm
%
Figure 1: Relative Spectral Sensitivity
400
10
20
30
40
50
60
70
80
90
100
600
800
1000 nm
%
Figure 2: Relative Spectral Sensitivity with BMST as-
sembly
OPERATING REQUIREMENTS: Logic
Operating Conditions: VDD = 5 V ±10 %, Ta = 0...85 °C,
input levels lo = 0...0.45 V, hi = 2.4 V...VDD, see Fig. 3 for reference levels
Item
Symbol
Parameter
Conditions
Fig.
Unit
No.
Min.
Max.
I001
tset
Setup time:
DIN stable before CLK lo → hi
3
10
ns
I002
thold
Hold time:
DIN stable after CLK lo → hi
3
5
ns
t
V
2.0V
0.8V
2.4V
0.45V
0
1
Input/Output
Figure 3: Reference levels



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com