Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-OCCHIP Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-OCCHIP
Description  INTEGRATING LIGHT-VOLTAGE CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-OCCHIP Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-OCCHIP Datasheet HTML 1Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 2Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 3Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 4Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 5Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 6Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 7Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 8Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
iC-OC
INTEGRATING LIGHT-VOLTAGE CONVERTER
Rev D1, Page 4/9
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 5 V ±10 %, RL(VDD/AOUT) = 1 kΩ, Tj = 0...85 °C unless otherwise noted
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Total Device
001
VDD
Permissible Supply Voltage
Range
4.5
5.5
V
002
I(VDD)
Supply Current in VDD
100
700
µA
003
Vc()hi
Clamp Voltage hi at DIN, CLK,
DOUT, AOUT
Vc()hi = V() − VDD, I() = 10 mA,
other pins open
0.3
1.5
V
004
Vc()lo
Clamp Voltage lo at DIN, CLK,
DOUT, AOUT
I() = -10 mA, other pins open
-1.5
-0.3
V
005
Aph()
Radiant Sensitive Area
ca. 0.97 x 0.47
mm²
006
λ
ar
Spectral Application Range
S(λar) = 0.25 x S(λ)max
300
950
nm
Analogue Output AOUT
201
V0()
Output Voltage at no illuminance V0() = VDD − V(AOUT)max,
AOUT active (* see below)
0.7
1.4
V
202
∆
Vd()
Variation of Output Voltage at no
illuminance
∆
Vd() = V(AOUT)t1 − V(AOUT)t2,
∆
t = t2 − t1 = 1 ms
-10
10
mV
203
Vs()
Saturation Voltage
Tenfold illuminance
VDD = 4.5 V
1.4
V
VDD = 5 V
1.45
V
VDD = 5.5 V
1.5
V
204
∆
V()
Repeatability (standard deviation
at repeated measurement)
20 measurements at constant LED illuminance,
Vav(AOUT) ≈ 2.91 V, ∆t = 25 µs
15
mV
205
Vlin()
Output Voltage Linearity Range
Vlin() = VDD − V0() − V(AOUT)
1.7
V
206
K
Transfer Factor
output voltage vs. light power
BMST assembly incl. sealing;
λLED = 628 nm, ∆λ = ±23 nm
0.22
0.27
0.32
V/pWS
λLED = 880 nm, ∆λ = ±40 nm
0.13
0.16
0.19
V/pWS
207
∆
klin
Transfer Factor Deviation within
linearity range
-5
5
%
208
I()
Leakage Current
V(AOUT) = 0...VDD,
AOUT high impedance (* see below)
-2
2
µA
Shift-Register DIN, CLK, DOUT
301
Vt()hi
Threshold Voltage hi at DIN, CLK
2.2
V
302
Vt()lo
Threshold Voltage lo at DIN, CLK
0.8
V
303
Vt()hys
Hysteresis at DIN, CLK
Vt()hys = Vt()hi − Vt()lo
250
1300
mV
304
Ii()
Input Current in DIN, CLK
V() = 0...VDD
-1
1
µA
305
f()
Permissible Frequency at CLK
10
MHz
306
tw()hi
Permis. Pulse Width hi at CLK
20
ns
307
tw()lo
Permis. Pulse Width lo at CLK
20
ns
308
tplh
Propagation Delay: CLK hi → lo
until DOUT lo → hi
CL(DOUT) = 50 pF (see Fig. 2)
40
ns
309
tphl
Propagation Delay: CLK hi → lo
until DOUT hi → lo
CL(DOUT) = 50 pF (see Fig. 2)
40
ns
310
tpon
Propagation Delay: CLK lo → hi
until AOUT active
CL(VDD/AOUT) = 1 nF (see Fig. 2)
800
ns
311
tpoff
Propagation Delay: CLK lo → hi
until AOUT high impedance
CL(VDD/AOUT) = 1 nF (see Fig. 2)
100
ns
312
Vs()hi
Saturation Voltage hi at DOUT
Vs()hi = VDD − V(), I() = -1 mA
0.4
V
313
Vs()lo
Saturation Voltage lo at DOUT
I() = 1 mA
0.4
V
Low Voltage Detection
401
VDDon
Turn-on Threshold VDD
Increasing voltage at VDD
2.1
3.8
V
402
VDDoff
Undervoltage Threshold VDD
Decreasing voltage at VDD
1.0
2.1
V
403
VDDhys
Hysteresis
VDDhys = VDDon − VDDoff
0.5
2
V
(*) AOUT active: SOUT1 or SOUT2 closed; AOUT high impedance: SOUT1 and SOUT2 open.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com