Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-OCCHIP Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-OCCHIP
Description  INTEGRATING LIGHT-VOLTAGE CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-OCCHIP Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-OCCHIP Datasheet HTML 1Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 2Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 3Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 4Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 5Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 6Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 7Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 8Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
iC-OC
INTEGRATING LIGHT-VOLTAGE CONVERTER
Rev D1, Page 1/9
FEATURES
o Two photosensors with integrating amplifiers
o Integration time can be set externally
o Internal shift register for chain connection
o Detection of low supply voltage
o TTL/CMOS-compatible logic inputs and outputs
o 5 V supply voltage
o Low power consumption
o Photosensors with 1 mm pitch;
active area ca. 0.97 mm x 0.47 mm (0.44 mm²)
APPLICATIONS
o Optical line sensors
o CCD substitute
CHIP
D1
D2
1.7 mm x 1.2 mm
BLOCK DIAGRAM
R
Q1
C
C
R
R
Q4
Q3
C
R
Q2
C
AOUT
CLK
DIN
DOUT
GND
VDD
+5V
1k
Ω
R1
SHIFT REGISTER
LOW VOLTAGE
INTEGRATOR 1
VDD − 1.2V
SC1
iC−OC
INTEGRATOR 2
SC2
VDD − 1.2V
SOUT1
SOUT2
ANALOGUE OUTPUT
INPUT
BUFFER
D1
D2
D
D
D
D
VOUT
Copyright © 2010 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-OCCHIP

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-OD ICHAUS-IC-OD Datasheet
302Kb / 9P
OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
IC-OD ICHAUS-IC-OD Datasheet
578Kb / 11P
OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
IC-OD ICHAUS-IC-OD Datasheet
508Kb / 11P
OPTICAL POSITION-SENSITIVE DETECTOR
IC-ODCHIP ICHAUS-IC-ODCHIP Datasheet
302Kb / 9P
OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
IC-ODL ICHAUS-IC-ODL Datasheet
302Kb / 9P
OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
More results

Similar Description - IC-OCCHIP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC850 MICROCHIP-TC850 Datasheet
539Kb / 26P
15-Bit, Fast Integrating CMOS A/D Converter
2006
logo
List of Unclassifed Man...
ADC100C ETC-ADC100C Datasheet
127Kb / 7P
Precision 22 Bit Integrating A/D Converter
TSL257 ETC-TSL257 Datasheet
79Kb / 6P
HIGHSENSITIVITY LIGHTTOVOLTAGE CONVERTER
ADC150 ETC-ADC150 Datasheet
131Kb / 9P
Programmable Integrating A/D Converter
ADC180 ETC-ADC180 Datasheet
137Kb / 7P
Programmable Integrating A/D Converter
logo
Mitsubishi Electric Sem...
M62301SP MITSUBISHI-M62301SP Datasheet
102Kb / 9P
10~12-BIT 4CH INTEGRATING A-D CONVERTER
logo
RHOPOINT COMPONENTS
ADC150 RHOPOINT-ADC150 Datasheet
217Kb / 9P
Programmable Integrating A/D Converter
ADC180 RHOPOINT-ADC180 Datasheet
259Kb / 7P
Programmable Integrating A/D Converter
logo
Microchip Technology
TC850 MICROCHIP-TC850_13 Datasheet
350Kb / 30P
15-Bit, Fast Integrating CMOS A/D Converter
11/29/12
logo
ams AG
TSL2563 AMSCO-TSL2563 Datasheet
1Mb / 43P
LOW-VOLTAGE LIGHT-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com