Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX014P Datasheet(PDF) 4 Page - CML Microcircuits

Part # MX014P
Description  Voice Band inverter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX014P Datasheet(HTML) 4 Page - CML Microcircuits

  MX014P Datasheet HTML 1Page - CML Microcircuits MX014P Datasheet HTML 2Page - CML Microcircuits MX014P Datasheet HTML 3Page - CML Microcircuits MX014P Datasheet HTML 4Page - CML Microcircuits MX014P Datasheet HTML 5Page - CML Microcircuits MX014P Datasheet HTML 6Page - CML Microcircuits MX014P Datasheet HTML 7Page - CML Microcircuits MX014P Datasheet HTML 8Page - CML Microcircuits MX014P Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Voice Band Inverter
4
MX014
© 1997 MX•COM, INC.
www.mxcom.com Tele: 800 638 5577 910 744 5050 Fax: 910 744 5054
Doc. # 20480013.006
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by there respective companies.
2. Signal List
Pin No.
Name
Description
1
XTAL
An external 4MHz clock can be applied to this input. The clock circuit on chip has a resistor
and capacitors so that only one external crystal is required.
2
XTAL
This is the inverted 4MHz clock output for use when a crystal oscillator is used, or as a buffer
for driving other clocked devices.
3PTT
Push To Talk is an input with a 3M
Ω pull-down resistor.
4
PTT
This is the inverted PTT output. It has a 100k
Ω output impedance.
5PTL
Push To Listen is an input with a 3M
Ω pull-down resistor.
6
PTL
Push To Listen is the inverted output of PTL; it has a 100k
Ω output impedance.
7
RXAUDEN
RX Audio Enable is an input with a 3M
Ω pull-down resistor.
8
RXAUDEN
RX Audio Enable is the inverted output of RX Audio Enable; it has a 100k
Ω output impedance.
9
PRIVEN
Privacy Enable controls the input action of the balanced modulator by switching the carrier
clock. When audio signals are inverted, the signal path gain is adjusted automatically to
compensate for the upper sideband loss. It contains a 3M
Ω pull-down resistor.
10
RXOUT
This is the receive audio output pin. It is biased at VDD/2 when in the TX mode.
11
TXOUT
This is the “send” voice output pin. It is biased at VDD/2 when in RX mode.
12
VSS
The negative supply pin (ground).
13
BPFOUT
For a gain of one in the RX Output stage, these two pins are wire linked together. However,
14
RXBIN
if gain is introduced at the RX input, attenuation may be introduced at the RX Output using
these pins and two resistors.
15
DEMPOUT
The pre-emphasis circuit has a 10dB gain at 1 kHz. Additional gain, or attenuation can
16
TXBIN
be introduced as in the RX path.
17
BIAS
This is the internally generated VDD/2 decoupling pin.
18
FILTR
This filter is the output of the Input Audio BPF and must be a.c. coupled into the Balanced
Modulator Input through a 0.1µF capacitor.
19
BALMOD
This is the input to the balanced modulator. It must be a.c. coupled to the Filter Output.
20
RXIN
This is a negative input of an op-amp at the input of the RX path. It can be used, along with
RX Audio Feedback and two external resistors, to increase the signal to its optimum level prior
to frequency inversion/filtering. This may improve the S/N.
21
RXFB
RX Audio Feedback is the output of an op-amp at the input of the RX path. See RXIN.
22
TXIN
The negative input of an op-amp at the input of the TX path. It can be used, along with TX
Audio Feedback and two external resistors, to increase the signal to its optimum level prior to
frequency inversion/filtering. This may improve S/N.
23
TXFB
TX Audio Feedback is the output of an op-amp at the input of the TX path. See TXIN.
24
VDD
The positive supply pin.
Table 1: Signal List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com