Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX014P Datasheet(PDF) 6 Page - CML Microcircuits

Part # MX014P
Description  Voice Band inverter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX014P Datasheet(HTML) 6 Page - CML Microcircuits

Back Button MX014P Datasheet HTML 2Page - CML Microcircuits MX014P Datasheet HTML 3Page - CML Microcircuits MX014P Datasheet HTML 4Page - CML Microcircuits MX014P Datasheet HTML 5Page - CML Microcircuits MX014P Datasheet HTML 6Page - CML Microcircuits MX014P Datasheet HTML 7Page - CML Microcircuits MX014P Datasheet HTML 8Page - CML Microcircuits MX014P Datasheet HTML 9Page - CML Microcircuits MX014P Datasheet HTML 10Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Voice Band Inverter
6
MX014
© 1997 MX•COM, INC.
www.mxcom.com Tele: 800 638 5577 910 744 5050 Fax: 910 744 5054
Doc. # 20480013.006
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by there respective companies.
4. Application
Bandpass
Filter
300-3033 Hz
Bandpass
Filter
300-3033 Hz
BIAS
C2
C3
R4
R5
R6
R3
RX Channel
RX Audio Feedback
RX Audio In
Path Invert
RX Audio Out
RX
Carrier
6dB/Octave
Pre-emphasis
10dB Gain
Bandpass
Filter
300-3033 Hz
Bandpass
Filter
300-3033 Hz
-6dB/Octave
De-emphasis
-
+
BIAS
C1
C1
R2
R7
R8
R1
TX Channel
TX Audio Feedback
TX Audio In
Path Invert
TX Audio Out
TX
Carrier
BIAS
BIAS
Note: Dotted Lines contain on-chip functions
Figure 3: Voice Privacy Application (Add-on)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com