Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX014P Datasheet(PDF) 10 Page - CML Microcircuits

Part # MX014P
Description  Voice Band inverter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX014P Datasheet(HTML) 10 Page - CML Microcircuits

Back Button MX014P Datasheet HTML 4Page - CML Microcircuits MX014P Datasheet HTML 5Page - CML Microcircuits MX014P Datasheet HTML 6Page - CML Microcircuits MX014P Datasheet HTML 7Page - CML Microcircuits MX014P Datasheet HTML 8Page - CML Microcircuits MX014P Datasheet HTML 9Page - CML Microcircuits MX014P Datasheet HTML 10Page - CML Microcircuits MX014P Datasheet HTML 11Page - CML Microcircuits MX014P Datasheet HTML 12Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Voice Band Inverter
10
MX014
© 1997 MX•COM, INC.
www.mxcom.com Tele: 800 638 5577 910 744 5050 Fax: 910 744 5054
Doc. # 20480013.006
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by there respective companies.
Operating Characteristics Notes:
1.
Input signal = 1kHz tone 0dB (300 mVRMS)
2.
Input AC short circuit, audio path enabled. Measured in 30 kHz band
3.
Due to frequency inversion (and pre- and de-emphasis), this refers to deviation from expected ideal response
4.
Standby occurs in RX with RX Audio Enable = 0, RX Audio Enable = 1, and PTL = 1
5.
TX Audio Out and RX Audio Out only
5.2 Packaging
Package Tolerances
NOTE : All dimensions in inches (mm.)
Angles are in degrees
A
B
C
D
E
H
P
F
G
TYP.
MAX.
MIN.
DIM.
K
J
W
T
Y
0.435 (11.05)
0.435 (11.05)
0.051 (1.30)
0.009 (0.22)
6°
30°
0.409 (10.40)
0.409 (10.40)
0.146 (3.70)
0.417 (10.60)
0.417 (10.60)
0.049 (1.24)
0.006 (0.152)
0.250 (6.35)
0.250 (6.35)
0.023 (0.58)
0.047 (1.19)
0.022 (0.55)
0.018 (0.45)
0.380 (9.61)
0.380 (9.61)
0.128 (3.25)
0.048 (1.22)
45°
F
G
P
A
D
B
E
PIN 1
W
C
J
K
Y
W
H
T
Figure 5: 24-pin PLCC Mechanical Outline: Order as part no. MX014LH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com