Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-WD Datasheet(PDF) 5 Page - IC-Haus GmbH

Part # IC-WD
Description  SWITCHED-MODE DUAL VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-WD Datasheet(HTML) 5 Page - IC-Haus GmbH

  IC-WD Datasheet HTML 1Page - IC-Haus GmbH IC-WD Datasheet HTML 2Page - IC-Haus GmbH IC-WD Datasheet HTML 3Page - IC-Haus GmbH IC-WD Datasheet HTML 4Page - IC-Haus GmbH IC-WD Datasheet HTML 5Page - IC-Haus GmbH IC-WD Datasheet HTML 6Page - IC-Haus GmbH IC-WD Datasheet HTML 7Page - IC-Haus GmbH IC-WD Datasheet HTML 8Page - IC-Haus GmbH IC-WD Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
iC-WD A/B/C
SWITCHED-MODE DUAL VOLTAGE REGULATOR
Rev D1, Page 5/12
ELECTRICAL CHARACTERISTICS
Operating Conditions: VB = 8...36 V, LVH = 220 µH, Ri(LVH) < 2 Ω, CVH = 4.7 µF, RVB = 1 Ω, Tj = -40...125 °C, unless otherwise noted
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
313
Vl(VH)
Voltage VH with load
WDA;
I(VCC) + I(VCCA) = -200 mA, VB = 8 V
4.5
V
Tj = 27 °C
5.0
V
314
Ioff
Max. Cut-off Current in VHL
VH < Vl(VH), RVB = 1 Ω
-500
-460
-400
mA
Error Detection NER
401
Toff
Thermal Shutdown Threshold
130
150
°C
402
Thys
Thermal Shutdown Hysteresis
3
15
°C
403
VCC
VCCA
Relative Undervoltage Threshold
at VCC, VCCA referenced to
VCCnom, VCCAnom
8
12
16
%
404
VCChys
VCCAhys
Undervoltage Hysteresis
referenced to VCCnom, VCCAnom
2
4
7
%
405
Vs(NER)
Saturation Voltage lo at NER
I(NER) = 5 mA
0.7
V
406
Isc(NER)
Short-Circuit Current lo in NER
V(NER) = 1...36 V
5
21
mA
Tj = -40 °C
15
mA
Tj = 27 °C
12
mA
Tj = 70 °C
10
mA
Tj = 125 °C
8
mA
407
I0(NER)
Collector Off-State Current in
NER
NER = off, V(NER) = 0...36 V
0
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com