Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-WD Datasheet(PDF) 9 Page - IC-Haus GmbH

Part # IC-WD
Description  SWITCHED-MODE DUAL VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-WD Datasheet(HTML) 9 Page - IC-Haus GmbH

Back Button IC-WD Datasheet HTML 4Page - IC-Haus GmbH IC-WD Datasheet HTML 5Page - IC-Haus GmbH IC-WD Datasheet HTML 6Page - IC-Haus GmbH IC-WD Datasheet HTML 7Page - IC-Haus GmbH IC-WD Datasheet HTML 8Page - IC-Haus GmbH IC-WD Datasheet HTML 9Page - IC-Haus GmbH IC-WD Datasheet HTML 10Page - IC-Haus GmbH IC-WD Datasheet HTML 11Page - IC-Haus GmbH IC-WD Datasheet HTML 12Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
iC-WD A/B/C
SWITCHED-MODE DUAL VOLTAGE REGULATOR
Rev D1, Page 9/12
APPLICATIONS INFORMATION
DIMENSIONING
The size of shunt RVB determines the cut-off current
Ioff . By varying this in combination with the value for
the inductor LVH , the power input, the efficiency and
the timing can be adapted to the application.
Normally the supply voltage range and the maximum
output current for VCC and VCCA is specified. Define
whether or not only intermittent flow is desired. The
maximum inductance LVH can be estimated on the fol-
lowing basis: In the worst situation, charging and dis-
charging process last exactly one period, which is the
case at minimum supply power. The cut-off current ad-
justs to Ioff = 2 × IL
max (VH ). From equation (1) it follows
that:
LVH
max =
Tmin
2IL
max (VH )
×
1
1
VBmin−Vsat −VH
+
1
VH+VD
Using equation (3) it is possible to determine the maxi-
mum cut-off current for intermittent flow. The maximum
value for VB must be inserted:
Ioff
max =
2 · IL
max (VH )
Tmax
LVH
·
1
1
VBmax −Vsat −VH
+
1
VH+VD
The shunt RVB can be dimensioned with this informa-
tion. ∆VRmax can be obtained from Fig. 2:
RVB =
VR
max
Ioff
max
EXAMPLE
Specified are: VB = 18...36 V, IL
max = 100 mA; the maximum inductance can be estimated to:
LVH
max =
1/125 kHz
200 mA
·
1
1
18 V −1.1 V −7.0 V +
1
7.0 V +1.1 V
= 178 µH
The inductance selected is 150 µH, for example. Consequently, the maximum required cut-off current and the
shunt are found to be:
Ioff
max =
2 · 100 mA
1/75 kHz
150 µH
·
1
1
30 V −1.1 V −7 V +
1
7 V +1.1 V
= 324 mA
⇒ RVB =
400 mV
324 mA
≈ 1.2 Ω
It is not always possible to dimension the circuit for in-
termittent flow, particularly not when high output cur-
rents are required with a low supply voltage. Permit-
ting continuous flow may prove conducive to higher
efficiency and less interference. The inductance se-
lected is to be higher than in the above formula; the
equations for maximum cut-off current and the shunt
can be used with the selected coil.
It is simplest to ascertain the correct dimensioning
by experiment in a test set-up (Evaluation Board).
The dimensioning shown in the block diagram (LVH
= 220 µH, RVB = 1 Ω is suitable for maximum perfor-
mance throughout the entire specification range.
SELECTING THE COMPONENTS
Since the coil must not to become saturated, it should
be designed for maximum cut-off current. This can be
checked by testing the coil current with a current probe:
In the event of saturation the current rises much more
sharply than with low currents. A low internal resis-
tance of the coil reduces the losses and increases the
regulator’s efficiency. When the supply voltage is low,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com