Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-WD Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-WD
Description  SWITCHED-MODE DUAL VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-WD Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-WD Datasheet HTML 1Page - IC-Haus GmbH IC-WD Datasheet HTML 2Page - IC-Haus GmbH IC-WD Datasheet HTML 3Page - IC-Haus GmbH IC-WD Datasheet HTML 4Page - IC-Haus GmbH IC-WD Datasheet HTML 5Page - IC-Haus GmbH IC-WD Datasheet HTML 6Page - IC-Haus GmbH IC-WD Datasheet HTML 7Page - IC-Haus GmbH IC-WD Datasheet HTML 8Page - IC-Haus GmbH IC-WD Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
iC-WD A/B/C
SWITCHED-MODE DUAL VOLTAGE REGULATOR
Rev D1, Page 4/12
ELECTRICAL CHARACTERISTICS
Operating Conditions: VB = 8...36 V, LVH = 220 µH, Ri(LVH) < 2 Ω, CVH = 4.7 µF, RVB = 1 Ω, Tj = -40...125 °C, unless otherwise noted
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Total Device
001
VB
Permissible Supply Voltage
Range
8
36
V
Linear Regulator VCC (200 mA)
101
VCCnom
Output Voltage
I(VCC) = -200...0 mA;
WD, WDC
4.75
5.00
5.25
V
WDA, WDB
3.135
3.30
3.465
V
102
I(VCC)
Permissible Load Current
-200
0
mA
103
CVCC
Min. Output Capacity for Stability
4.7
µF
104
VCCrip
Residual Ripple
Evaluation Board (see Fig. 8), Tj = 27 °C:
I(VCC) = -200 mA, I(VCCA) = -20 mA
35
mVss
Linear Regulator VCCA (25 mA)
201
VCCAnom
Output Voltage
I(VCCA) = -25...0 mA;
WD, WDB
4.75
5.00
5.25
V
WDA, WDC
3.135
3.30
3.465
V
202
I(VCCA)
Permissible Load Current
-25
0
mA
203
CVCCA
Min. Output Capacity for Stability
1
µF
204
VCCArip
Residual Ripple
Evaluation Board (see Fig. 8), Tj = 27 °C:
I(VCC) = -200 mA, I(VCCA) = -20 mA
30
mVss
Switching Regulator VB, VBR, VHL, VH
301
I0(VB)
Quiescent Current in VB
I(VCC) = 0, I(VCCA) = 0, Tj = 25 °C;
VB = 12 V
4.5
mA
VB = 24 V
3.0
mA
VB = 30 V
2.5
mA
302
I(VB)
Current in VB with partial load
I(VCC) + I(VCCA) = -100 mA, Tj = 25 °C,
WD, WDB, WDC;
VB = 12 V
72
mA
VB = 24 V
37
mA
VB = 30 V
30
mA
303
I(VB)
Current in VB with partial load
I(VCC) + I(VCCA) = -100 mA, Tj = 25 °C, WDA;
VB = 12 V
61
mA
VB = 24 V
33
mA
VB = 30 V
24
mA
304
I(VB)
Current in VB with full load
I(VCC) + I(VCCA) = -200 mA, Tj = 25 °C,
WD, WDB, WDC;
VB = 12 V
132
mA
VB = 24 V
69
mA
VB = 30 V
55
mA
305
I(VB)
Current in VB with full load
I(VCC) + I(VCCA) = -200 mA, Tj = 25 °C, WDA;
VB = 12 V
116
mA
VB = 24 V
62
mA
VB = 30 V
43
mA
306
CVH
Charging Capacitor at VH
4.7
µF
307
R(CVH)
Series Resistance of CVH for
stability
12
308
f0(VHL)
Switching Frequency with no load I(VCC) = 0, I(VCCA) = 0
20
kHz
309
fl(VHL)
Switching Frequency with load
I(VCC) + I(VCCA) = -200 mA
60
120
kHz
Tj = 27 °C
90
kHz
310
V0(VH)
No-load Voltage VH
WD, WDB, WDC;
I(VCC) = 0, I(VCCA) = 0, VB = 36 V
7.5
V
Tj = 27 °C
7
V
311
V0(VH)
No-load Voltage VH
WDA;
I(VCC) = 0, I(VCCA) = 0, VB = 36 V
5.8
V
Tj = 27 °C
5.4
V
312
Vl(VH)
Voltage VH with load
WD, WDB, WDC;
I(VCC) + I(VCCA) = -200 mA, VB = 8 V
6
V
Tj = 27 °C
6.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com