Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX589P Datasheet(PDF) 1 Page - CML Microcircuits

Part # FX589P
Description  Low-Voltage/High-Speed GMSK Modem
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX589P Datasheet(HTML) 1 Page - CML Microcircuits

  FX589P Datasheet HTML 1Page - CML Microcircuits FX589P Datasheet HTML 2Page - CML Microcircuits FX589P Datasheet HTML 3Page - CML Microcircuits FX589P Datasheet HTML 4Page - CML Microcircuits FX589P Datasheet HTML 5Page - CML Microcircuits FX589P Datasheet HTML 6Page - CML Microcircuits FX589P Datasheet HTML 7Page - CML Microcircuits FX589P Datasheet HTML 8Page - CML Microcircuits FX589P Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
PRODUCT INFORMATION
CML Semiconductor Products
FX589
Features
Full-Duplex Gaussian Minimum
Shift Keying (GMSK)
Operating from 3 Volts to 5.5 Volts
Data Rates 4kb/s to 64kb/s
Selectable BT (0.3 or 0.5)
Low-Current Analogue/Digital
Non-DSP Solution
Meets RCR STD-18
Applications
Wireless LAN/Modems
Handy Data Terminals
Low-Power Wireless Data Link
for PCs, Laptops and Printers
Point-Of-Sale Terminals
Wireless Bar-Code Readers
and Stock Controllers
Brief Description
The FX589 is a single-chip modem employing
Gaussian Minimum Shift Keying (GMSK) modulation.
Data rates of 4kb/s to 64kb/s and the choice of BT
to 0.3 or 0.5 are pin-programmable functions to suit
radio data channel bandwidth requirements.
The Rx and Tx digital data interfaces are bit-serial
and synchronised to Rx and Tx data clocks generated
by the modem. Separate Rx and Tx Powersave/Enable
inputs allow for full- or half-duplex operation.
Rx input levels can be set by a suitable ac and dc
level adjusting circuit built, with external components,
around an on-chip Rx input amplifier.
FX589
Tx PS
Rx PS
BT
Tx DATA
ClkDIVA
PLLacq
RxDCacq
Rx SIGNAL IN
Rx FEEDBACK
ClkDIVB
XTAL/CLOCK
Tx ENABLE
XTAL
VDD
VBIAS
VBIAS
VBIAS
VBIAS
VSS
RxHold
+
-
DOC1
Rx CLOCK
Tx CLOCK
Tx OUT
Rx DATA
Rx S/N
DOC2
DATA RETIME
&
LEVEL SHIFT
Tx
FILTER
CLOCK
DIVIDER
Rx CIRCUIT
CONTROL
Rx
FILTER
Rx LEVEL
MEASURE
Rx CLOCK
EXTRACT
Rx S/N
DETECTION
Rx DATA
EXTRACT
Low-Voltage/High-Speed
GMSK Modem
Fig.1 Functional Block Diagram
Acquisition, lock and hold of Rx data signals is made
easier and faster by the use of Rx Control Inputs to clamp,
detect and/or hold input data levels and can be set by the
system µProcessor as required.
Indication is available, from the Rx S/N output, as to the
quality of the received signal.
The FX589 design features a low-current analogue/digital
ASIC process offering significantly lower current
consumption than DSP technology. For data rates up to
32kb/s the FX589 draws typically 1.5mA at 3.0 volts V
DD and
for data rates up to 64kb/s at 5.0 volts, typically 4.0mA.
This low-power CMOS microcircuit is available in both
24-pin plastic DIL and Small Outline (SOIC and SSOP)
packages.
Publication D/589/7 January 1998


Similar Part No. - FX589P

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FX5(100)-240X240T2900 KEMET-FX5(100)-240X240T2900 Datasheet
55Kb / 1P
KEMET, FX5, Flex Suppressors, Commercial Grade
FX5(25)-120X120T2900 KEMET-FX5(25)-120X120T2900 Datasheet
54Kb / 1P
KEMET, FX5, Flex Suppressors, Noise Suppression
FX5(25)-240X240T2900 KEMET-FX5(25)-240X240T2900 Datasheet
53Kb / 1P
KEMET, FX5, Flex Suppressors, Commercial Grade
FX5(25)-80X80T2900 KEMET-FX5(25)-80X80T2900 Datasheet
54Kb / 1P
KEMET, FX5, Flex Suppressors, Noise Suppression
FX5(50)-120X120T2900 KEMET-FX5(50)-120X120T2900 Datasheet
54Kb / 1P
KEMET, FX5, Flex Suppressors, Noise Suppression
More results

Similar Description - FX589P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST75C520 STMICROELECTRONICS-ST75C520 Datasheet
382Kb / 45P
HIGH SPEED FAX MODEM DATA PUMP
Jun-1995
logo
Sanyo Semicon Device
LC89210 SANYO-LC89210 Datasheet
199Kb / 10P
High-speed fax modem data pump
logo
National Semiconductor ...
MM74HC942 NSC-MM74HC942 Datasheet
146Kb / 8P
MM74HC942 is a full duplex low speed modem
logo
List of Unclassifed Man...
FX489 ETC-FX489 Datasheet
106Kb / 12P
GMSK Modem
logo
NXP Semiconductors
NE5081 PHILIPS-NE5081 Datasheet
445Kb / 3P
HIGH-SPEED FSK MODEM RECEIVER
August 31 1994
logo
List of Unclassifed Man...
CH2056 ETC1-CH2056 Datasheet
365Kb / 19P
HIGH SPEED Modem and FAX FAMILY
logo
Toshiba Semiconductor
1SS319 TOSHIBA-1SS319_07 Datasheet
186Kb / 3P
Low Voltage High Speed Switching
logo
Guangdong Kexin Industr...
1SS392 KEXIN-1SS392 Datasheet
35Kb / 1P
LOW VOLTAGE HIGH SPEED SWITCHING
logo
CML Microcircuits
FX489 CMLMICRO-FX489 Datasheet
109Kb / 12P
GMSK Modem
FX579 CMLMICRO-FX579 Datasheet
574Kb / 23P
HALF DUPLEX GMSK MODEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com