Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX589P Datasheet(PDF) 14 Page - CML Microcircuits

Part # FX589P
Description  Low-Voltage/High-Speed GMSK Modem
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX589P Datasheet(HTML) 14 Page - CML Microcircuits

Back Button FX589P Datasheet HTML 10Page - CML Microcircuits FX589P Datasheet HTML 11Page - CML Microcircuits FX589P Datasheet HTML 12Page - CML Microcircuits FX589P Datasheet HTML 13Page - CML Microcircuits FX589P Datasheet HTML 14Page - CML Microcircuits FX589P Datasheet HTML 15Page - CML Microcircuits FX589P Datasheet HTML 16Page - CML Microcircuits FX589P Datasheet HTML 17Page - CML Microcircuits FX589P Datasheet HTML 18Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
Specification
Absolute Maximum Ratings
Exceeding the maximum rating can result in device damage. Operation of the device outside the operating limits is
not implied.
Supply voltage
-0.3 to 7.0V
Input voltage at any pin (ref V
SS
= 0V)
-0.3 to (V
DD
+ 0.3V)
Sink/source current (supply pins)
+/- 30mA
(other pins)
+/- 20mA
Total device dissipation (DW/P) @ T
AMB
25°C
800mW Max.
(D5) @ T
AMB
25°C
550mW Max.
Derating
(DW/P)
13mW/°C
(D5)
9mW/°C
Operating temperature range:
FX589DW/D5/P
-40°C to +85°C
Storage temperature range:
FX589DW/D5/P
-40°C to +85°C
Operating Limits
Correct operation of the device outside these limits is not implied.
Remarks
Min.
Max.
Unit
Supply Voltage (V
DD)
3.0
5.5
V
Operating Temperature
-40.0
+85.0
°C
Rx and Tx Data Rate
(V
DD ≥ 3.0V)
4,000
32,000
bits/sec
(V
DD ≥ 4.5V) *Note 13
4,000
64,000
bits/sec
Xtal/Clock Frequency
(V
DD ≥ 3.0V)
1.0
5.0
MHz
(V
DD ≥ 4.5V)
1.0
10.3
MHz
“High” Pulse Width
Note 10
40.0
ns
“Low” Pulse Width
Note 10
40.0
ns
Operating Characteristics
All device characteristics are measured under the following conditions unless otherwise specified:
V
DD = 5.0V, TAMB = 25°C. Xtal/Clock Frequency = 4.096MHz. Data Rate = 8,000 bits/sec.
Noise Bandwidth = Bit Rate.
Characteristics
See Note
Min.
Typ.
Max.
Unit
Static Values
Supply Current ((I
DD) VDD = 3.0V)
Tx PS Rx PS 1
1
1
-
0.5
-
mA
0
1
-
1.0
-
mA
1
0
-
1.0
-
mA
0
0
-
1.5
-
mA
((I
DD) VDD = 5.0V)
1
1
-
1.0
-
mA
0
1
-
2.0
-
mA
1
0
-
3.0
-
mA
0
0
-
4.0
-
mA
Input Logic Levels
Logic “1”
3.5
-
-
V
Logic “0”
-
-
1.5
V
Logic Input Current
2
-5.0
-
5.0
µA
Logic “1” Output Level at IOH = -120µA
4.6
-
-
V
Logic “0” Output Level at IOL = 120µA
-
-
0.4
V
Transmit Parameters
Tx OUT, Output Impedance
3
-
1.0
-
k
Ω
Tx OUT, Level
4, 11
0.8
1.0
1.2
V p-p
Tx Data Delay (BT = 0.3)
5
-
2.0
2.5
bit-periods
(BT = 0.5)
5
-
1.5
2.0
bit-periods
Tx PS to Output-Stable Time
6
-
4.0
-
bit-periods



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com