Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX589P Datasheet(PDF) 16 Page - CML Microcircuits

Part # FX589P
Description  Low-Voltage/High-Speed GMSK Modem
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX589P Datasheet(HTML) 16 Page - CML Microcircuits

Back Button FX589P Datasheet HTML 10Page - CML Microcircuits FX589P Datasheet HTML 11Page - CML Microcircuits FX589P Datasheet HTML 12Page - CML Microcircuits FX589P Datasheet HTML 13Page - CML Microcircuits FX589P Datasheet HTML 14Page - CML Microcircuits FX589P Datasheet HTML 15Page - CML Microcircuits FX589P Datasheet HTML 16Page - CML Microcircuits FX589P Datasheet HTML 17Page - CML Microcircuits FX589P Datasheet HTML 18Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
16
Handling Precautions
The FX589 is a CMOS LSI circuit which includes input
protection. However precautions should be taken to
prevent static discharges which may cause damage.
Package Outlines
The FX589 is available in the package styles outlined
below. Pin 1 identification marking is shown on the
relevant diagram and pins on all package styles number
anti-clockwise when viewed from the top.
FX589DW 24-pin plastic S.O.I.C.
(D2)
E
L
X
T
W
PIN 1
A
B
P
F
J
Y
ALTERNATIVE
PIN
LOCATION
MARKING
NOTE : All dimensions in inches (mm.)
Angles in degrees
A
B
C
E
F
H
TYP.
MAX.
MIN.
DIM.
J
P
X
W
T
Y
K
K1
L
0.105 (2.67)
0.093 (2.36)
0.419 (10.64)
45°
7°
0°
8°
0.050 (1.27)
0.046 (1.17)
0.046 (1.17)
0.613 (15.57)
0.299 (7.59)
0.050 (1.27)
0.016 (0.41)
0.394 (10.01)
0.566 (14.37)
0.012 (0.30)
0.004 (0.10)
0.009 (0.23)
0.012 (0.30)
0.014 (0.36)
0.018 (0.46)
0.036 (0.91)
0.036 (0.91)
0.597 (15.16)
0.291 (7.39)
C
H
K1
K
FX589D5
24-pin plastic S.S.O.P.
E
Z
L
X
T
PIN 1
A
B
C
H
P
F
J
Y
NOTE : All dimensions in inches (mm.)
Angles in degrees
A
B
C
E
F
H
TYP.
MAX.
MIN.
DIM.
J
P
X
T
Y
Z
L
0.078 (1.99)
0.068 (1.73)
0.311 (7.90)
0°
7°
4°
8°
9°
10°
0.037 (0.95)
0.328 (8.33)
0.212 (5.38)
0.026 (0.65)
0.022 (0.55)
0.301 (7.65)
0.286 (7.15)
0.008 (0.21)
0.002 (0.05)
0.005 (0.13)
0.009 (0.22)
0.010 (0.25)
0.015 (0.38)
0.318 (8.07)
0.205 (5.20)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com