| Electronic Components Datasheet Search |
|
FX818D2 Datasheet(PDF) 8 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
FX818D2 Datasheet(HTML) 8 Page - CML Microcircuits |
|
8 / 26 page ![]() CTCSS Signalling Processor FX818 © 1997 Consumer Microcircuits Limited 8 D/818/4 16-bit Write Only Registers HEX ADDRESS/ COMMAND REGISTER NAME BIT 7 (D7) BIT 6 (D6) BIT 5 (D5) BIT 4 (D4) BIT 3 (D3) BIT 2 (D2) BIT 1 (D1) BIT 0 (D0) CTCSS TX/ CTCSS TX / FAST RX FREQUENCY $83 FAST RX CTCSS (TX) MSB FREQUENCY (1) NOTONE 0 0 BIT 12 BIT 11 BIT 10 BIT 9 BIT 8 CTCSS TX/ CTCSS TX / FAST RX FREQUENCY FAST RX LSB FREQUENCY (2) BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 CTCSS RX CTCSS TONE ADDRESS CTCSS FREQUENCY $84 PROGRAM MSB LSB MSB (1) BIT 3 BIT 2 BIT 1 BIT 0 BIT 11 BIT 10 BIT 9 BIT 8 CTCSS RX CTCSS FREQUENCY PROGRAM LSB (2) BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 $8A AUDIO MOD 1 CONTROL MOD 1 MSB LSB (1) 0 0 ENABLE BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 AUDIO MOD 2 CONTROL MOD 2 MSB LSB (2) 0 0 ENABLE BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 Write Only Register Description GENERAL RESET (Hex address $01) The reset command has no data attached to it. It sets the device registers into the specific (all powersaved) states as listed below: REGISTER NAME HEX ADDRESS BIT 7 (D7) BIT 6 (D6) BIT 5 (D5) BIT 4 (D4) BIT 3 (D3) BIT 2 (D2) BIT 1 (D1) BIT 0 D0) SUB-AUDIO CONTROL $80 0 0 0 0 0 0 0 0 SUB-AUDIO STATUS $81 0 0 0 0 X X X X SUB-AUDIO SET-UP $82 0 0 0 0 0 0 0 0 CTCSS TX / FAST RX FREQUENCY (1) $83 0 0 0 0 0 0 0 0 CTCSS TX / FAST RX FREQUENCY (2) 0 0 0 0 0 0 0 0 CTCSS RX PROGRAM (1) $84 0 0 0 0 0 0 0 0 CTCSS RX PROGRAM (2) 0 0 0 0 0 0 0 0 GENERAL CONTROL $88 0 0 0 0 0 0 0 0 AUDIO CONTROL (1) $8A 0 0 0 0 0 0 0 0 AUDIO CONTROL (2) 0 0 0 0 0 0 0 0 GENERAL PURPOSE TIMER $8B 0 0 0 0 0 0 0 0 IRQ MASK $8E 0 0 0 0 0 0 0 0 IRQ FLAG $8F 0 0 0 0 0 0 0 0 X = undefined |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |