Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX818D2 Datasheet(PDF) 22 Page - CML Microcircuits

Part # FX818D2
Description  CTCSS SIGNALLING PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX818D2 Datasheet(HTML) 22 Page - CML Microcircuits

Back Button FX818D2 Datasheet HTML 18Page - CML Microcircuits FX818D2 Datasheet HTML 19Page - CML Microcircuits FX818D2 Datasheet HTML 20Page - CML Microcircuits FX818D2 Datasheet HTML 21Page - CML Microcircuits FX818D2 Datasheet HTML 22Page - CML Microcircuits FX818D2 Datasheet HTML 23Page - CML Microcircuits FX818D2 Datasheet HTML 24Page - CML Microcircuits FX818D2 Datasheet HTML 25Page - CML Microcircuits FX818D2 Datasheet HTML 26Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
CTCSS Signalling Processor
FX818
© 1997 Consumer Microcircuits Limited
22
D/818/4
Operating Characteristics
For the following conditions unless otherwise specified:
Xtal Frequency = 4.032MHz
Audio Level 0dB ref = 308mVrms at 1kHz
VDD = 3.3V to 5.0V, Tamb = -40°C to +85°C.
Composite Signal = 308mVrms at 1kHz + 75mVrms Noise + 31mVrms Sub-Audio Signal
Noise Bandwidth = 5kHz Band Limited Gaussian
Notes
Min.
Typ.
Max.
Units
DC Parameters
At VDD = 3.3V
IDD (powersaved, VDD = 5.0V)
1, 2
-
0.6
1.0
mA
IDD (powersaved, VDD = 3.3V)
1, 2
-
0.35
0.6
mA
IDD (Tx/Rx Operating VDD = 5.0V)
1, 2
-
3.5
6.0
mA
IDD (Tx/Rx Operating VDD = 3.3V)
1, 2
-
1.6
2.5
mA
"C-BUS" Interface
Input Logic "1"
70%
-
-
VDD
Input Logic "0"
-
-
30%
VDD
Input Leakage Current (Logic "1" or "0")
-1.0
-
1.0
µA
Input Capacitance
-
-
7.5
pF
Output Logic "1" (IOH = 120µA)
90%
-
-
VDD
Output Logic "0" (IOL = 360µA)
-
-
10%
VDD
"Off" State Leakage Current (Vout = VDD)
6
-
-
10
µA
AC Parameters
CTCSS Decoder
Sensitivity
(Pure CTCSS Tone)
5
-
-26.0
-
dB
Response Time
(Composite Signal)
-
140
-
ms
De-Response Time
(Composite Signal)
-
145
-
ms
Frequency Range
60
-
253
Hz
CTCSS Detector - Fast Detect
Sensitivity
(Pure CTCSS Tone)
5
-
-26.0
-
dB
Response Time
(Composite Signal)
-
56.0
-
ms
Frequency Range
60
253
Hz
CTCSS Detector - Fast Predictive
Sensitivity
(Pure CTCSS Tone)
5
-
-26.0
-
dB
Response Time
(Composite Signal)
7
-
37.0
-
ms
Frequency Range
60
-
253
Hz
Decode Bandwidth
-
40
-
Hz
CTCSS Encoder
Frequency Range
60
-
253
Hz
Tone Frequency Resolution
-
-
0.3
%
Tone Amplitude Tolerance
1
-1.0
0
+1.0
dB
Total Harmonic Distortion
9
-
2.0
-
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com