Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX818D2 Datasheet(PDF) 12 Page - CML Microcircuits

Part # FX818D2
Description  CTCSS SIGNALLING PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX818D2 Datasheet(HTML) 12 Page - CML Microcircuits

Back Button FX818D2 Datasheet HTML 8Page - CML Microcircuits FX818D2 Datasheet HTML 9Page - CML Microcircuits FX818D2 Datasheet HTML 10Page - CML Microcircuits FX818D2 Datasheet HTML 11Page - CML Microcircuits FX818D2 Datasheet HTML 12Page - CML Microcircuits FX818D2 Datasheet HTML 13Page - CML Microcircuits FX818D2 Datasheet HTML 14Page - CML Microcircuits FX818D2 Datasheet HTML 15Page - CML Microcircuits FX818D2 Datasheet HTML 16Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
CTCSS Signalling Processor
FX818
© 1997 Consumer Microcircuits Limited
12
D/818/4
When Bit 7 (in the first 8 bits) is set to "1" the tone output is set at VBIAS or NOTONE without regard to the
number "A" programmed. When Bit 7 is "0" the programmed tone is set on the output. Programming the bits 0
to 12 to "0" puts the Tx into powersave and the output goes to VBIAS. Powersave is also achieved by disabling
the Tx and the FAST DETECT.
CTCSS RX PROGRAM Register (Hex address $84)
This is a 16-bit register. Byte (1) is sent first. The two bytes are used to program the centre frequencies of up
to 15 tones in the sub-audio band that will be decoded by the receiver.
Each tone is identified by its address in bits 7, 6, 5 and 4 of byte (1). The remaining 12 bits contain the data
representing the tone frequency according to the formula below. If a tone is not required the 12 bits should be
set to zero.
Byte 1
Byte 2
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
0
0
0
0
<-------------------- N -------------------- >
<-------------------- R ------------------->
0
0
0
1
0
0
1
0
0
0
1
1
0
1
0
0
0
1
0
1
N is the binary representation of the
R is the nearest 6-bit binary
0
1
1
0
following decimal number (n):
representation of (r), where:
0
1
1
1
1
0
0
0
n = INT (948982 x fTONE / fXTAL)
r = ((237245/fXTAL) - (n/(4 x fTONE))) x 8400
1
0
0
1
1
0
1
0
1
0
1
1
1
1
0
0
1
1
0
1
1
1
1
0
Example: To program 100Hz when using the recommended 4.032MHz Xtal.
n =
INT (948982 x 100 / 4.032 x 10^6)
=
INT (23.536) = 23
N =
010111 (binary)
r
=
((237245 / 4.032 x 10^6) - (23 / (4 x 100))) x 8400
=
11.26 (round up if exactly halfway)
R =
11
=
001011 (binary)
Thus the 12-bit code is 010111001011
The Hex address represented by bits 7, 6, 5 and 4 in byte (1) is used as the code to indicate which tone has
been decoded. This code appears in bits 3, 2, 1 and 0 of the SUB-AUDIO STATUS Register (Hex address
$81). The 15 programmed tones use Hex addresses $0 - $E.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com