Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX829 Datasheet(PDF) 7 Page - CML Microcircuits

Part # FX829
Description  Baseband Signal Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX829 Datasheet(HTML) 7 Page - CML Microcircuits

Back Button FX829 Datasheet HTML 3Page - CML Microcircuits FX829 Datasheet HTML 4Page - CML Microcircuits FX829 Datasheet HTML 5Page - CML Microcircuits FX829 Datasheet HTML 6Page - CML Microcircuits FX829 Datasheet HTML 7Page - CML Microcircuits FX829 Datasheet HTML 8Page - CML Microcircuits FX829 Datasheet HTML 9Page - CML Microcircuits FX829 Datasheet HTML 10Page - CML Microcircuits FX829 Datasheet HTML 11Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Baseband Signal Processor
FX829
© 1997 Consumer Microcircuits Limited
7
D/829/4
1.4
External Components
C1
22pF
±20%
R1
1M
W
±5%
X1
4.032MHz
±100ppm
C2
22pF
±20%
R2
Note 1
±10%
C3
68pF
±20%
R3
Note 1
±10%
C4
0.1µF
±20%
R4
100k
W
±10%
C5
0.1µF
±10%
R5
100k
W
±10%
C6
100pF
±20%
R6
Note 2
±10%
C7
0.1µF
±20%
R7
22k
W
±10%
C8
Note 2
±20%
C9
5.6nF
±20%
Notes:
1.
R2, R3, R4 and C3 form the gain components for the Summing Amplifier (AMP2).
R2 and R3 should be chosen as required from the system specification, using the
following formulae:
Audio Gain =
−
R4
R3
DTMF Gain =
−
R4
R2
2.
R5, R6, C6 and C8 form the gain components for the Rx Input Amplifier (AMP1).
R6 should be chosen as required by the signal level, using the following formula:
Gain
=
−
R5
R6
C8 x R6 should be chosen so as not to compromise the low frequency performance of
this product.
Figure 2 Recommended External Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com