Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX829 Datasheet(PDF) 10 Page - CML Microcircuits

Part # FX829
Description  Baseband Signal Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX829 Datasheet(HTML) 10 Page - CML Microcircuits

Back Button FX829 Datasheet HTML 6Page - CML Microcircuits FX829 Datasheet HTML 7Page - CML Microcircuits FX829 Datasheet HTML 8Page - CML Microcircuits FX829 Datasheet HTML 9Page - CML Microcircuits FX829 Datasheet HTML 10Page - CML Microcircuits FX829 Datasheet HTML 11Page - CML Microcircuits FX829 Datasheet HTML 12Page - CML Microcircuits FX829 Datasheet HTML 13Page - CML Microcircuits FX829 Datasheet HTML 14Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Baseband Signal Processor
FX829
© 1997 Consumer Microcircuits Limited
10
D/829/4
REGISTER NAME
BIT 7
(D7)
BIT 6
(D6)
BIT 5
(D5)
BIT 4
(D4)
BIT 3
(D3)
BIT 2
(D2)
BIT 1
(D1)
BIT 0
D0)
CONTROL 1
0
0
0
0
0
0
0
0
CONTROL 2
0
0
0
0
0
0
0
0
CONTROL 3/IRQ ENABLE
0
0
0
0
0
0
0
0
AUDIO ATTENUATION
0
0
0
0
0
0
0
0
TXDATA
X
X
X
X
X
X
X
X
MOD LEVELS (1)
0
0
0
0
0
0
0
0
MOD LEVELS (2)
0
0
0
0
0
0
0
0
RX SYNC WORD (1)
X
X
X
X
X
X
X
X
RX SYNC WORD (2)
X
X
X
X
X
X
X
X
STATUS
0
0
0
0
0
0
0
0
RXDATA
X
X
X
X
X
X
X
X
X = undefined
CONTROL1 Register (Hex address $10)
This register is used to control the functions of the device as described below:
AMP1
(Bit 7)
When this bit is "1", AMP1 is enabled.
When this bit is "0", AMP1 is disabled (i.e. powersaved).
AMP2
(Bit 6)
When this bit is "1", both AMP2 and MOD2 are enabled.
When this bit is "0", both AMP2 and MOD2 are disabled (i.e. powersaved) and the
MOD2 output is pulled to VBIAS via a 1MW resistor.
AUDIO
(Bit 5)
When this bit is "1", the audio filter/limiter section is enabled.
When this bit is "0", the audio filter/limiter section is disabled (i.e. powersaved).
FFSKRX
(Bit 4)
When this bit is "1", the FFSK Rx is enabled.
When this bit is "0", the FFSK Rx is disabled (i.e. powersaved).
Note:
1.
The FFSK Rx and Tx cannot both be enabled at the same time. If both
FFSKRX and FFSKTX are "1", then they will both be disabled
(i.e. powersaved).
FFSKTX
(Bit 3)
When this bit is "1", the FFSK Tx is enabled.
When this bit is "0", the FFSK Tx is disabled (i.e. powersaved).
Note:
1.
The FFSK Tx and Rx cannot both be enabled at the same time. If both
FFSKTX and FFSKRX are "1", then they will both be disabled
(i.e. powersaved).
2.
The DTMF Encoder and FFSK Tx cannot both be enabled at the same time.
If both DTMFEN and FFSKTX are "1", then they will both be disabled.
UK/F
(Bit 2)
When this bit is "1", the SYNC/SYNT is set to the PAA standard of
"1011010000110011" (SYNC)
When this bit is "0", the SYNC/SYNT is set to the MPT standard of
"1100010011010111" (SYNC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com