Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX829 Datasheet(PDF) 17 Page - CML Microcircuits

Part # FX829
Description  Baseband Signal Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX829 Datasheet(HTML) 17 Page - CML Microcircuits

Back Button FX829 Datasheet HTML 13Page - CML Microcircuits FX829 Datasheet HTML 14Page - CML Microcircuits FX829 Datasheet HTML 15Page - CML Microcircuits FX829 Datasheet HTML 16Page - CML Microcircuits FX829 Datasheet HTML 17Page - CML Microcircuits FX829 Datasheet HTML 18Page - CML Microcircuits FX829 Datasheet HTML 19Page - CML Microcircuits FX829 Datasheet HTML 20Page - CML Microcircuits FX829 Datasheet HTML 21Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
Baseband Signal Processor
FX829
© 1997 Consumer Microcircuits Limited
17
D/829/4
8-bit Read Only Registers
HEX
ADDRESS/
COMMAND
REGISTER
NAME
BIT 7
(D7)
BIT 6
(D6)
BIT 5
(D5)
BIT 4
(D4)
BIT 3
(D3)
BIT 2
(D2)
BIT 1
(D1)
BIT 0
(D0)
$41
STATUS
0
RXSUMF
TXIDLEF
RXDATAF
TXDATAF
RX SYNC
WORDF
SYNTF
SYNCF
$42
RXDATA
<--------------------------------------------- RXDATA --------------------------------------------->
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Read Only Register Description
STATUS Register (Hex address $41)
This register is used to indicate the status of the device as described below:
Bit 7
Not used, always set to zero.
RXSUMF
(Bit 6)
When this bit is "1", the Rx checksum is correct.
When this bit is "0", the Rx checksum is incorrect.
This bit is updated and latched in after reception of every eight bits (see CHKSUM
bit of the CONTROL2 register).
TXIDLEF
(Bit 5)
When all the Tx data and any checksum and one "hang-bit" have been transmitted,
this bit will be set to "1" to indicate that the transmitter is idle. This bit is reset to
"0" immediately after reading the STATUS register. When this bit is set to "1", an
interrupt may be generated depending on the state of the TXIDLEM bit in the
CONTROL 3 / IRQ ENABLE register.
RXDATAF
(Bit 4)
When a full byte of data is received and is available in the RXDATA register, this
bit will be set to "1". This bit is reset to "0" immediately after reading the STATUS
register. When this bit is set to "1" an interrupt may be generated depending on
the state of the RXDATAM bit in the CONTROL 3 / IRQ ENABLE register.
TXDATAF
(Bit 3)
When the Tx data buffer is empty this bit will be set to "1".
This bit is reset to "0" immediately after reading the STATUS register. When this
bit is set to "1", an interrupt may be generated depending on the state of the
TXDATAM bit in the CONTROL 3 / IRQ ENABLE register.
RX SYNC
WORDF
(Bit 2)
This bit is only defined when RX SYNC WORD PRIME is enabled.
When the data sequence specified in the RX SYNC WORD register has been
successfully matched to the Rx incoming data, this bit will be set to "1".
This bit is reset to "0" immediately after reading the STATUS register. When this
bit is set to "1", an interrupt will be generated, the checksum generator and byte
counter will be reset and SYNC PRIME, SYNT PRIME and RX SYNC WORD
PRIME will be reset.
SYNTF
(Bit 1)
This bit is only defined when SYNT PRIME is enabled.
When the data sequence specified by SYNT has been successfully matched to the
Rx incoming data, this bit will be set to "1".
This bit is reset to "0" immediately after reading the STATUS register. When this
bit is set to "1", an interrupt will be generated, the checksum generator and byte
counter will be reset and SYNC PRIME, SYNT PRIME and RX SYNC WORD
PRIME will be reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com