Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX949 Datasheet(PDF) 12 Page - CML Microcircuits

Part # FX949
Description  CDPD Wireless Modem Data Pump
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX949 Datasheet(HTML) 12 Page - CML Microcircuits

Back Button FX949 Datasheet HTML 8Page - CML Microcircuits FX949 Datasheet HTML 9Page - CML Microcircuits FX949 Datasheet HTML 10Page - CML Microcircuits FX949 Datasheet HTML 11Page - CML Microcircuits FX949 Datasheet HTML 12Page - CML Microcircuits FX949 Datasheet HTML 13Page - CML Microcircuits FX949 Datasheet HTML 14Page - CML Microcircuits FX949 Datasheet HTML 15Page - CML Microcircuits FX949 Datasheet HTML 16Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
CDPD Wireless Modem Data Pump
FX949
© 1996 Consumer Microcircuits Limited
12
D/949/5
IRQ FLAGS Register (Hex address $50)
This is a read only register that contains flags to indicate the source of an interrupt, as described below:
SYNCF
(Bit 7)
This bit is set to "1" when the device has decoded the sync word on the forward
channel. It also is set to "1" if, after detecting sync, it fails to detect it 420 bits later,
indicating sync has been lost. The state of sync can be read from the STATUS
register. This bit is reset to "0" after a "read" of the IRQ FLAGS register. When this
bit is set to "1" an interrupt may be generated, depending on the state of the IRQ
MASK register.
DECF
(Bit 6)
This bit is set to "1" when the decode status of the Mobile Data Base Station (MDBS)
in the forward channel changes state.
The decode state can be read from the
STATUS register. This bit is reset to "0" after a "read" of the IRQ FLAGS register.
When this bit is set to "1" an interrupt may be generated depending on the state of
the IRQ MASK register.
IDLEF
(Bit 5)
This bit is set to "1" when the idle status of the Mobile Data Base Station (MDBS) in
the forward channel changes state. The idle state can be read from the STATUS
register. This bit is reset to "0" after a "read" of the IRQ FLAGS register. When this
bit is set to "1" an interrupt may be generated depending on the state of the IRQ
MASK register.
TXF
(Bit 4)
This bit is used in transmission of data from the 47 symbol "write only" buffer on the
reverse channel. This bit is set to "1" when the buffer is empty and new data can be
loaded in. It is reset to "0" after a "read" of the IRQ FLAGS register. When this bit is
set to "1" an interrupt may be generated depending on the state of the IRQ MASK
register.
TIMEF
(Bit 3)
This bit is set to "1" when the timer expires and it is reset after a "read" of the IRQ
FLAGS register. When this bit is set to "1" an interrupt may be generated depending
on the state of the IRQ MASK register.
Write Only Registers
A0 - A6
HEX
ADDRES
S
RDN
WRN
CSN
REGISTER
NAME
BIT 7
(D7)
BIT 6
(D6)
BIT 5
(D5)
BIT 4
(D4)
BIT 3
(D3)
BIT 2
(D2)
BIT 1
(D1)
BIT 0
(D0)
$00
1
0
0
TX DATA 0
X
X
<------------------- DATA SYMBOL 0 ------------------->
$01
1
0
0
TX DATA 1
X
X
<------------------- DATA SYMBOL 1 ------------------->
$02
1
0
0
TX DATA 2
X
X
<------------------- DATA SYMBOL 2 ------------------->
|
|
|
|
|
|
|
|
|
|
|
|
$2C
1
0
0
TX DATA 44
X
X
<------------------- DATA SYMBOL 44 ------------------>
$2D
1
0
0
TX DATA 45
X
X
<------------------- DATA SYMBOL 45 ------------------>
$2E
1
0
0
TX DATA 46
X
X
<------------------- DATA SYMBOL 46 ------------------>
$2F
1
0
0
TIMER
<------------------------------- 0 TO 255 SECONDS ---------------------------->
$30
1
0
0
CONTROL
ACQ
RX-
HOLD
PSRX
PSTX
CI
<--SYNC ERROR LIMIT--->
(SERL)
$31
1
0
0
IRQ MASK
SYNCM
DEC
M
IDLEM
TXM
TIMEM
ERR
M
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com