Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX949 Datasheet(PDF) 16 Page - CML Microcircuits

Part # FX949
Description  CDPD Wireless Modem Data Pump
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX949 Datasheet(HTML) 16 Page - CML Microcircuits

Back Button FX949 Datasheet HTML 12Page - CML Microcircuits FX949 Datasheet HTML 13Page - CML Microcircuits FX949 Datasheet HTML 14Page - CML Microcircuits FX949 Datasheet HTML 15Page - CML Microcircuits FX949 Datasheet HTML 16Page - CML Microcircuits FX949 Datasheet HTML 17Page - CML Microcircuits FX949 Datasheet HTML 18Page - CML Microcircuits FX949 Datasheet HTML 19Page - CML Microcircuits FX949 Datasheet HTML 20Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
CDPD Wireless Modem Data Pump
FX949
© 1996 Consumer Microcircuits Limited
16
D/949/5
(7)
The data is EXORed with the pseudorandom sequence (PRBS) as it is transmitted. Once this
is done, the output buffer will be empty and the TXF flag with interrupt will be generated,
looping the control sequence back to the first step.
(8)
The input buffer can be re-loaded while the transmitter is transmitting.
(9)
The CI (continuity indicator) bit is automatically inserted every 9 symbols, during transmission.
(10)
The 38 bit "dotting sequence" and 22 bit block synchronisation word are added if it is the first
transmission after Tx powersave or if the CI bit has just previously gone from "0" to "1"
indicating the start of a new transmission block.
(11)
The signal generated has a data rate of 19.2k bits/sec and is filtered by a Gaussian filter with a
BT of 0.5 in the transmit section of the GMSK modem.
1.6.3
Receiver (forward channel)
(1)
The SYNC ERROR LIMIT (SERL) (Bits 2, 1 and 0 of the CONTROL register) is set from "0" to
"7" as required by the application.
(2)
The receiver is enabled using PSRX (Bit 5 of the CONTROL register).
(3)
The receiver is now able to receive 19.2k bits/sec data via the receive section of the GMSK
modem, comprising input filter, slicer and bit synchroniser.
(4)
A continuous stream of data is fed into the receiver input shift register.
(5)
When the controlling µP receives a carrier detect, it can pulse ACQ (Bit 7 of the CONTROL
register) in order to quickly acquire bit synchronisation. If carrier detect is not available or, due
to powersave requirements, the controlling device remains unpowered, then slower bit
synchronisation will be acquired in approximately 32 bits.
(6)
The receiver input shift register is continually monitored for the 35-bit synchronisation word
interleaved with the data. It correlates the number of errors in the synchronisation word with
the maximum number allowed (previously programmed into the SYNC ERROR LIMIT bits of
the CONTROL register).
When it achieves this limit or less, valid data is assumed to be
present.
(7)
The data is EXORed with the pseudorandom sequence (PRBS) and a 16-symbol syndrome is
generated. The data and syndrome are then loaded into the Rx output registers, ready for
reading by the controlling µP.
(8)
DEC (Bit 6) and IDLE (Bit 5) of the STATUS register are set according to the data received.
(9)
SYNCF (Bit 7 of the IRQ FLAGS register) is set and an IRQ is generated. SYNC (Bit 7 of the
STATUS register) is set to "1". This indicates that a new block of data has successfully been
received and is available for reading by the controlling µP.
(10)
With the first block sync received, the device now checks the DEC and IDLE positions in the
next block of data and outputs them with interrupts as they are counted in.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com