Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX949 Datasheet(PDF) 20 Page - CML Microcircuits

Part # FX949
Description  CDPD Wireless Modem Data Pump
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX949 Datasheet(HTML) 20 Page - CML Microcircuits

Back Button FX949 Datasheet HTML 16Page - CML Microcircuits FX949 Datasheet HTML 17Page - CML Microcircuits FX949 Datasheet HTML 18Page - CML Microcircuits FX949 Datasheet HTML 19Page - CML Microcircuits FX949 Datasheet HTML 20Page - CML Microcircuits FX949 Datasheet HTML 21Page - CML Microcircuits FX949 Datasheet HTML 22Page - CML Microcircuits FX949 Datasheet HTML 23Page - CML Microcircuits FX949 Datasheet HTML 24Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
CDPD Wireless Modem Data Pump
FX949
© 1996 Consumer Microcircuits Limited
20
D/949/5
Operating Characteristics
For the following conditions unless otherwise specified:
Xtal Frequency = 4.9152MHz, Bit Rate = 19.2k bits/sec,
VDD = 3.3V to 5.0V, Tamb = -40°C to +85°C.
Notes
Min.
Typ.
Max.
Units
DC Parameters
IDD (powersaved)
(VDD = 5.0V)
1, 10
1.3
2.0
mA
IDD (all enabled)
(VDD = 5.0V)
1, 10
5.0
7.0
mA
IDD (powersaved)
(VDD = 3.0V)
1, 10
0.5
1.0
mA
IDD (all enabled)
(VDD = 3.0V)
1, 10
2.0
3.0
mA
AC Parameters
Tx Output
Tx O/P Impedance (Tx enabled)
2
1.0
2.5
k
Ω
Tx O/P Impedance (powersaved)
2
300
500
k
Ω
Output Signal Level
7
0.9
1.0
1.1
Vpk-pk
Power up to Tx O/P Stable
8
3
5
bits
Rx Input
Rx I/P Impedance (at 100Hz)
10
M
Ω
Rx I/P Amp Voltage Gain (I/P = 1mVrms at 100Hz)
500
V/V
Input Signal Level
9
0.7
1.0
1.3
Vpk-pk
Xtal/Clock Input
'High' Pulse Width
3
40
ns
'Low' Pulse Width
3
40
ns
Input Impedance (at 100Hz)
10
M
Ω
Gain (I/P = 1mV rms at 100Hz)
20
dB
µP Interface
Input Logic "1" Level
4, 5
70%
VDD
Input Logic "0" Level
4, 5
30%
VDD
Input Leakage Current (Vin = 0 to VDD)
4, 5
−
5.0
+5.0
µA
Input Capacitance
4, 5
10.0
pF
Output Logic "1" Level (lOH = 120µA)
5
90%
VDD
Output Logic "0" Level (lOL = 360µA)
5, 6
10%
VDD
'Off' State Leakage Current (Vout = VDD)
6
10
µA
Notes:
1.
Not including any current drawn from the modem pins by external circuitry.
2.
Small signal impedance, at VDD = 5.0V and Tamb = 25°C.
3.
Timing for an external input to the CLOCK/XTAL pin.
4.
WRN, RDN, CSN, A0 - A6 pins.
5.
D0 - D7 pins.
6.
IRQN pin.
7.
For 1111000011110000.. bit sequence, at VDD = 5.0V and Tamb = 25°C.
(output level is proportional to VDD).
8.
Measured between setting PSTX to "'0" and TXSIGNAL becoming stable.
9.
For optimum performance, measured at RX SIGNAL FEEDBACK pin,
for a '...11110000...' bit sequence, at VDD = 5.0V and Tamb = 25°C.
10. At Tamb = 25°C only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com